Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 79 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 79 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 75Page - Texas Instruments CC2420-RTR1 Datasheet HTML 76Page - Texas Instruments CC2420-RTR1 Datasheet HTML 77Page - Texas Instruments CC2420-RTR1 Datasheet HTML 78Page - Texas Instruments CC2420-RTR1 Datasheet HTML 79Page - Texas Instruments CC2420-RTR1 Datasheet HTML 80Page - Texas Instruments CC2420-RTR1 Datasheet HTML 81Page - Texas Instruments CC2420-RTR1 Datasheet HTML 82Page - Texas Instruments CC2420-RTR1 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
CC2420
SWRS041B
Page 79 of 89
ADCTST (0x2D) - ADC Test Register
Bit
Field Name
Reset
R/W
Description
15
ADC_CLOCK_DISABLE
0
R/W
ADC Clock Disable
0 : Clock enabled when ADC enabled
1 : Clock disabled, even if ADC is enabled
14:8
ADC_I[6:0]
0
R
Read the current ADC I-branch value.
7
-
0
W0
Reserved, write as 0.
6:0
ADC_Q[6:0]
0
R
Read the current ADC Q-branch value.
DACTST (0x2E) - DAC Test Register
Bit
Field Name
Reset
R/W
Description
15
-
0
W0
Reserved, write as 0.
14:12
DAC_SRC[2:0]
0
R/W
The TX DACs data source is selected by DAC_SRC according
to:
0: Normal operation (from modulator).
1: The DAC_I_O and DAC_Q_O override values below.-
2: From ADC, most significant bits
3: I/Q after digital down mixing and channel filtering.
4: Full-spectrum White Noise (from CRC)
5: From ADC, least significant bits
6: RSSI / Cordic Magnitude Output
7: HSSD module.
This feature will often require the DACs to be manually turned on
in MANOR and TOPTST.ATESTMOD_MODE=4.
11:6
DAC_I_O[5:0]
0
R/W
I-branch DAC override value.
5:0
DAC_Q_O[5:0]
0
R/W
Q-branch DAC override value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com