Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 80 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 80 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 76Page - Texas Instruments CC2420-RTR1 Datasheet HTML 77Page - Texas Instruments CC2420-RTR1 Datasheet HTML 78Page - Texas Instruments CC2420-RTR1 Datasheet HTML 79Page - Texas Instruments CC2420-RTR1 Datasheet HTML 80Page - Texas Instruments CC2420-RTR1 Datasheet HTML 81Page - Texas Instruments CC2420-RTR1 Datasheet HTML 82Page - Texas Instruments CC2420-RTR1 Datasheet HTML 83Page - Texas Instruments CC2420-RTR1 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
CC2420
SWRS041B
Page 80 of 89
TOPTST (0x2F) - Top Level Test Register
Bit
Field Name
Reset
R/W
Description
15:8
-
0
W0
Reserved, write as 0.
7
RAM_BIST_RUN
0
R/W
Enable BIST of the RAM
0 : RAM BIST disabled, normal operation
1 : RAM BIST Enabled. Result output to pin, as set in IOCFG1.
6
TEST_BATTMON_EN
0
R/W
Enable test output of the battery monitor.
5
VC_IN_TEST_EN
0
R/W
When ATESTMOD_MODE=7 this controls whether the ATEST2
in is used to output the VC node voltage (0) or to control the VC
node voltage (1).
4
ATESTMOD_PD
1
R/W
Powerdown of analog test module.
0 : Power up
1 : Power down
3:0
ATESTMOD_MODE[3:0]
0
When ATESTMOD_PD=0, the function of the analog test module
is as follows:
0: Outputs “I” (ATEST1) and “Q” (ATEST2) from RxMIX.
1: Inputs “I” (ATEST2) and “Q” (ATEST1) to BPF.
2: Outputs “I” (ATEST1) and “Q” (ATEST2) from VGA.
3: Inputs “I” (ATEST2) and “Q” (ATEST1) to ADC.
4: Outputs “I” (ATEST1) and “Q” (ATEST2) from LPF.
5: Inputs “I” (ATEST2) and “Q” (ATEST1) to TxMIX.
6: Outputs “P” (ATEST1) and “N” (ATEST2) from Prescaler. Must
be terminated externally.
7: Connects TX IF to RX IF and simultaneously the ATEST1 pin
to the internal VC node (see VC_IN_TEST_EN).
8. Connect ATEST1 (input) to ATEST2 (output) through
single2diff and diff2single buffers, used for measurements on the
test-interface
RESERVED (0x30) - Reserved register containing spare control and status bits
Bit
Field Name
Reset
R/W
Description
15:0
RES[15:0]
0
R/W
Reserved for future use
TXFIFO (0x3E) – Transmit FIFO Byte register
Bit
Field Name
Reset
R/W
Description
7:0
TXFIFO[7:0]
0
W
Transmit FIFO byte register, write only. Reading the TXFIFO is
only possible using RAM read. Note that the crystal oscillator
must be running for writing to the TXFIFO.
RXFIFO (0x3F) – Receive FIFO Byte register
Bit
Field Name
Reset
R/W
Description
7:0
RXFIFO[7:0]
0
R/W
Receive FIFO byte register, read / write. Note that the crystal
oscillator must be running for accessing the RXFIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com