Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 34 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 34 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 30Page - Texas Instruments CC2420-RTR1 Datasheet HTML 31Page - Texas Instruments CC2420-RTR1 Datasheet HTML 32Page - Texas Instruments CC2420-RTR1 Datasheet HTML 33Page - Texas Instruments CC2420-RTR1 Datasheet HTML 34Page - Texas Instruments CC2420-RTR1 Datasheet HTML 35Page - Texas Instruments CC2420-RTR1 Datasheet HTML 36Page - Texas Instruments CC2420-RTR1 Datasheet HTML 37Page - Texas Instruments CC2420-RTR1 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
CC2420
SWRS041B
Page 34 of 89
Preamble
SFD Length
Data received over RF
SFD Pin
FIFO Pin
FIFOP Pin, if threshold
higher than frame length
FIFOP Pin, if threshold
lower than frame length
SF
D
de
te
cte
d
Le
ng
th
by
te
re
ce
ive
d
La
st
M
PD
U
by
te
re
ce
ive
d
Preamble
SFD Length
Data received over RF
SFD Pin
FIFO Pin
FIFOP Pin
Ad
dr
es
s r
ec
og
nit
ion
co
m
ple
te
d
MAC Protocol Data Unit (MPDU) with correct address
MAC Protocol Data Unit (MPDU) with wrong address
Address
recognition OK
Address
recognition fails
Figure 13. Pin activity examples during receive
SI
-
ADDR
TXFIFO
PSDU0
PSDU1
-
SO
--
-
Length
Status
-
-
PSDU5
PSDU2
PSDU3
RSSI
CSn
SFD
SCLK
FIFOP
FIFO
-
PSDU4
FI
FO
go
es
low
wh
en
re
ad
ou
t o
f la
st
by
te
sta
rts
FI
FO
P
re
m
ain
s
hig
h
as
lon
g
as
nu
m
be
r o
f
by
te
s >
FI
FO
P_
TH
R
-
FCS/Corr
Figure 14. Example of pin activity when reading RXFIFO.
14.4
Transmit mode
During transmit the FIFO and FIFOP pins
are still only related to the RXFIFO. The
SFD
pin
is
however
active
during
transmission of a data frame, as shown in
Figure 15.
The SFD pin goes active when the SFD
field has been completely transmitted. It
goes inactive again when the complete
MPDU (as defined by the length field) has
been transmitted or if an underflow is
detected. See the RF Data Buffering
section on page 39 for more information
on TXFIFO underflow.
As can be seen from comparing Figure 13
and Figure 15, the SFD pin behaves very
similarly during reception and transmission
of a data frame. If the SFD pins of the
transmitter and the receiver are compared
during the transmission of a data frame, a
small delay of approximately 2 µs can be
seen because of bandwidth limitations in
both the transmitter and the receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com