Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 60 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 60 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 56Page - Texas Instruments CC2420-RTR1 Datasheet HTML 57Page - Texas Instruments CC2420-RTR1 Datasheet HTML 58Page - Texas Instruments CC2420-RTR1 Datasheet HTML 59Page - Texas Instruments CC2420-RTR1 Datasheet HTML 60Page - Texas Instruments CC2420-RTR1 Datasheet HTML 61Page - Texas Instruments CC2420-RTR1 Datasheet HTML 62Page - Texas Instruments CC2420-RTR1 Datasheet HTML 63Page - Texas Instruments CC2420-RTR1 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 92 page
background image
CC2420
SWRS041B
Page 60 of 89
(
λ/4). They are very easy to design and
can be implemented simply as a “piece of
wire” or even integrated into the PCB.
The length of the
λ/4-monopole antenna is
given by:
L = 7125 / f
where f is in MHz, giving the length in cm.
An antenna for 2450 MHz should be 2.9
cm.
Non-resonant monopole antennas shorter
than
λ/4 can also be used, but at the
expense of range. In size and cost critical
applications such an antenna may very
well be integrated into the PCB.
Enclosing the antenna in high dielectric
constant material reduces the overall size
of the antenna. Many vendors offer such
antennas intended for PCB mounting.
Helical antennas can be thought of as a
combination of a monopole and a loop
antenna. They are a good compromise in
size critical applications. Helical antennas
tend to be more difficult to optimize than
the simple monopole.
Loop antennas are easy to integrate into
the PCB, but are less effective due to
difficult impedance matching because of
their very low radiation resistance.
For low power applications the differential
antenna is recommended giving the best
range and because of its simplicity.
The antenna should be connected as
close as possible to the IC. If the antenna
is located away from the RF pins the
antenna should be matched to the feeding
transmission line (50
Ω).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com