Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 68 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 68 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 64Page - Texas Instruments CC2420-RTR1 Datasheet HTML 65Page - Texas Instruments CC2420-RTR1 Datasheet HTML 66Page - Texas Instruments CC2420-RTR1 Datasheet HTML 67Page - Texas Instruments CC2420-RTR1 Datasheet HTML 68Page - Texas Instruments CC2420-RTR1 Datasheet HTML 69Page - Texas Instruments CC2420-RTR1 Datasheet HTML 70Page - Texas Instruments CC2420-RTR1 Datasheet HTML 71Page - Texas Instruments CC2420-RTR1 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
CC2420
SWRS041B
Page 68 of 89
RXCTRL1 (0x17) - Receive control register 1
Bit
Field Name
Reset
R/W
Description
15:14
-
0
W0
Reserved, write as 0.
13
RXBPF_LOCUR
0
R/W
Controls reference bias current to RX bandpass filters:
0: 4 uA (Reset value) Use 1 instead
1: 3 uA Note: Recommended setting
12
RXBPF_MIDCUR
0
R/W
Controls reference bias current to RX bandpass filters:
0: 4 uA (Default)
1: 3.5 uA
11
LOW_LOWGAIN
1
R/W
LNA low gain mode setting in AGC low gain mode.
10
MED_LOWGAIN
0
R/W
LNA low gain mode setting in AGC medium gain mode.
9
HIGH_HGM
1
R/W
RX Mixers high gain mode setting in AGC high gain mode.
8
MED_HGM
0
R/W
RX Mixers high gain mode setting in AGC medium gain mode.
7:6
LNA_CAP_ARRAY[1:0]
1
R/W
Selects varactor array setting in the LNA
0: OFF
1: 0.1pF (x2) (Nominal)
2: 0.2pF (x2)
3: 0.3pF (x2)
5:4
RXMIX_TAIL[1:0]
1
R/W
Control of the receiver mixers output current.
0: 12 µA
1: 16 µA (Nominal)
2: 20 µA
3: 24 µA
3:2
RXMIX_VCM[1:0]
1
R/W
Controls VCM level in the mixer feedback loop
0: 8 µA mixer current
1: 12 µA mixer current (Nominal)
2: 16 µA mixer current
3: 20 µA mixer current
1:0
RXMIX_CURRENT[1:0]
2
R/W
Controls current in the mixer
0: 360 µA mixer current (x2)
1: 720 µA mixer current (x2)
2: 900 µA mixer current (x2) (Nominal)
3: 1260 µA mixer current (x2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com