Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 62 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 62 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 58Page - Texas Instruments CC2420-RTR1 Datasheet HTML 59Page - Texas Instruments CC2420-RTR1 Datasheet HTML 60Page - Texas Instruments CC2420-RTR1 Datasheet HTML 61Page - Texas Instruments CC2420-RTR1 Datasheet HTML 62Page - Texas Instruments CC2420-RTR1 Datasheet HTML 63Page - Texas Instruments CC2420-RTR1 Datasheet HTML 64Page - Texas Instruments CC2420-RTR1 Datasheet HTML 65Page - Texas Instruments CC2420-RTR1 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
CC2420
SWRS041B
Page 62 of 89
Address
Register
Register type
Description
0x0E
SAES
S
AES Stand alone encryption strobe. SPI_SEC_MODE is not
required to be 0, but the encryption module must be idle. If not,
the strobe is ignored.
0x0F
-
-
Not used
0x10
MAIN
R/W
Main Control Register
0x11
MDMCTRL0
R/W
Modem Control Register 0
0x12
MDMCTRL1
R/W
Modem Control Register 1
0x13
RSSI
R/W
RSSI and CCA Status and Control register
0x14
SYNCWORD
R/W
Synchronisation word control register
0x15
TXCTRL
R/W
Transmit Control Register
0x16
RXCTRL0
R/W
Receive Control Register 0
0x17
RXCTRL1
R/W
Receive Control Register 1
0x18
FSCTRL
R/W
Frequency Synthesizer Control and Status Register
0x19
SECCTRL0
R/W
Security Control Register 0
0x1A
SECCTRL1
R/W
Security Control Register 1
0x1B
BATTMON
R/W
Battery Monitor Control and Status Register
0x1C
IOCFG0
R/W
Input / Output Control Register 0
0x1D
IOCFG1
R/W
Input / Output Control Register 1
0x1E
MANFIDL
R/W
Manufacturer ID, Low 16 bits
0x1F
MANFIDH
R/W
Manufacturer ID, High 16 bits
0x20
FSMTC
R/W
Finite State Machine Time Constants
0x21
MANAND
R/W
Manual signal AND override register
0x22
MANOR
R/W
Manual signal OR override register
0x23
AGCCTRL
R/W
AGC Control Register
0x24
AGCTST0
R/W
AGC Test Register 0
0x25
AGCTST1
R/W
AGC Test Register 1
0x26
AGCTST2
R/W
AGC Test Register 2
0x27
FSTST0
R/W
Frequency Synthesizer Test Register 0
0x28
FSTST1
R/W
Frequency Synthesizer Test Register 1
0x29
FSTST2
R/W
Frequency Synthesizer Test Register 2
0x2A
FSTST3
R/W
Frequency Synthesizer Test Register 3
0x2B
RXBPFTST
R/W
Receiver Bandpass Filter Test Register
0x2C
FSMSTATE
R
Finite State Machine State Status Register
0x2D
ADCTST
R/W
ADC Test Register
0x2E
DACTST
R/W
DAC Test Register
0x2F
TOPTST
R/W
Top Level Test Register
0x30
RESERVED
R/W
Reserved for future use control / status register
0x31-
0x3D
-
-
Not used
0x3E
TXFIFO
W
Transmit FIFO Byte Register
0x3F
RXFIFO
R/W
Receiver FIFO Byte Register
R/W - Read/write (control/status), R - Read only, W – Write only, S – Command Strobe (perform action upon access)
Table 11. Configuration registers overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com