Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 32 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 28Page - Texas Instruments CC2420-RTR1 Datasheet HTML 29Page - Texas Instruments CC2420-RTR1 Datasheet HTML 30Page - Texas Instruments CC2420-RTR1 Datasheet HTML 31Page - Texas Instruments CC2420-RTR1 Datasheet HTML 32Page - Texas Instruments CC2420-RTR1 Datasheet HTML 33Page - Texas Instruments CC2420-RTR1 Datasheet HTML 34Page - Texas Instruments CC2420-RTR1 Datasheet HTML 35Page - Texas Instruments CC2420-RTR1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
CC2420
SWRS041B
Page 32 of 89
CSn
SI
ADDR
ADDR
DATA
8MSB
DATA
8LSB
DATA
ADDR+1
SO
ADDR
TXFIFO
DATA
ADDR
DATA
ADDR+2
Status
Status
-
-
Status
Status
Status
Status
Command
Strobe
Register
Read
TXFIFO
Write
Figure 11. Multiple SPI Access Example
14 Microcontroller Interface and Pin Description
When used in a typical system,
CC2420 will
interface
to
a
microcontroller.
This
microcontroller must be able to:
• Program
CC2420 into different modes,
read and write buffered data, and read
back status information via the 4-wire
SPI-bus configuration interface (SI, SO,
SCLK
and CSn).
• Interface to the receive and transmit
FIFOs using the FIFO and FIFOP
status pins.
• Interface to the CCA pin for clear
channel assessment.
• Interface to the SFD pin for timing
information (particularly for beaconing
networks).
14.1
Configuration interface
A
CC2420 to microcontroller interface
example is shown in Figure 12. The
microcontroller uses 4 I/O pins for the SPI
configuration interface (SI, SO, SCLK and
CSn
). SO should be connected to an input
at the microcontroller. SI, SCLK and CSn
must
be
microcontroller
outputs.
Preferably the microcontroller should have
a hardware SPI interface.
The microcontroller pins connected to SI,
SO
and SCLK can be shared with other
SPI-interface devices. SO is a high
impedance output as long as CSn is not
activated (active low).
CSn
should have an external pull-up
resistor or be set to a high level when the
voltage regulator is turned off in order to
prevent the input from floating. SI and
SCLK
should be set to a defined level to
prevent the inputs from floating.
CC2420
µC
CSn
SI
SO
SCLK
MOSI
MISO
SCLK
GIO2
FIFO
FIFOP
CCA
SFD
GIO0
Interrupt
GIO1
Timer Capture
Figure 12. Microcontroller interface example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com