Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 37 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 37 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 33Page - Texas Instruments CC2420-RTR1 Datasheet HTML 34Page - Texas Instruments CC2420-RTR1 Datasheet HTML 35Page - Texas Instruments CC2420-RTR1 Datasheet HTML 36Page - Texas Instruments CC2420-RTR1 Datasheet HTML 37Page - Texas Instruments CC2420-RTR1 Datasheet HTML 38Page - Texas Instruments CC2420-RTR1 Datasheet HTML 39Page - Texas Instruments CC2420-RTR1 Datasheet HTML 40Page - Texas Instruments CC2420-RTR1 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
CC2420
SWRS041B
Page 37 of 89
additional zero symbols in SYNCWORD
make
CC2420 compliant with [1].
In reception,
CC2420 synchronises to
received zero-symbols and searches for
the SFD sequence defined by the
SYNCWORD
register. The least significant
symbols in SYNCWORD set to 0xF will be
ignored, while symbols different from 0xF
will be required for synchronisation. The
default setting of 0xA70F thereby requires
one
additional
zero-symbol
for
synchronisation. This will reduce the
number of false frames detected due to
noise.
The
following
illustrates
how
the
programmed synch word is interpreted
during reception by
CC2420: If SYNCWORD
= 0xA7FF,
CC2420 will require the
incoming symbol sequence of (from left to
right) 0 7 A. If SYNCWORD = 0xA70F,
CC2420 will require the incoming symbol
sequence of (from left to right) 0 0 7 A. If
SYNCWORD
= 0xA700,
CC2420 will require
the incoming symbol sequence of (from
left to right) 0 0 0 7 A.
In
receive
mode
CC2420 uses the
preamble
sequence
for
symbol
synchronisation
and
frequency
offset
adjustments. The SFD is used for byte
synchronisation, and is not part of the data
stored in the receive buffer (RXFIFO).
0
7
A
IEEE 802.15.4
Preamble
SFD
CC2420
2·(PREAMBLE_LENGTH + 1) zero symbols
0
0
0
0
0
0
0
SW0
SW0 = SYNCWORD[3:0]
SW1 = SYNCWORD[7:4]
SW2 = SYNCWORD[11:8]
SW3 = SYNCWORD[15:12]
SW1
SW2
SW3
if different from 'F', else '0'
if different from 'F', else '0'
if different from 'F', else '0'
if different from 'F', else '0'
Synchronisation Header
Each box corresponds to 4 bits. Hence the preamble corresponds to 8 x 4 ''0' s or 4 bytes with the value 0.
Figure 18. Transmitted Synchronisation Header
16.2
Length field
The frame length field shown in Figure 17
defines the number of bytes in the MPDU.
Note that the length field does not include
the length field itself. It does however
include
the
FCS
(Frame
Check
Sequence), even if this is inserted
automatically by
CC2420 hardware. It also
includes the MIC if authentication is used.
The length field is 7 bits and has a
maximum value of 127. The most
significant bit in the length field is reserved
[1], and should be set to zero.
CC2420 uses the length field both for
transmission and reception, so this field
must always be included. In transmit
mode, the length field is used for
underflow detection, as described in the
FIFO access section on page 31.
16.3
MAC protocol data unit
The FCF, data sequence number and
address information follows the length field
as shown in Figure 17. Together with the
MAC data payload and Frame Check
Sequence, they form the MAC Protocol
Data Unit (MPDU).
The format of the FCF is shown in Figure
19. Please refer to [1] for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com