Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 72 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 72 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 68Page - Texas Instruments CC2420-RTR1 Datasheet HTML 69Page - Texas Instruments CC2420-RTR1 Datasheet HTML 70Page - Texas Instruments CC2420-RTR1 Datasheet HTML 71Page - Texas Instruments CC2420-RTR1 Datasheet HTML 72Page - Texas Instruments CC2420-RTR1 Datasheet HTML 73Page - Texas Instruments CC2420-RTR1 Datasheet HTML 74Page - Texas Instruments CC2420-RTR1 Datasheet HTML 75Page - Texas Instruments CC2420-RTR1 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
CC2420
SWRS041B
Page 72 of 89
IOCFG0 (0x1C) – I/O Configuration Register 0
Bit
Field Name
Reset
R/W
Description
15:12
-
0
W0
Reserved, write as 0
11
BCN_ACCEPT
0
R/W
Accept all beacon frames when address recognition is enabled.
This bit should be set when the PAN identifier programmed into
CC2420 RAM is equal to 0xFFFF and cleared otherwise. This bit
is don't care when MDMCTRL0.ADR_DECODE = 0.
0 : Only accept beacons with a source PAN identifier which
matches the PAN identifier programmed into CC2420 RAM
1 : Accept all beacons regardless of the source PAN identifier
10
FIFO_POLARITY
0
R/W
Polarity of the output signal FIFO.
0 : Polarity is active high
1 : Polarity is active low
9
FIFOP_POLARITY
0
R/W
Polarity of the output signal FIFOP.
0 : Polarity is active high
1 : Polarity is active low
8
SFD_POLARITY
0
R/W
Polarity of the SFD pin.
0 : Polarity is active high
1 : Polarity is active low
7
CCA_POLARITY
0
R/W
Polarity of the CCA pin.
0 : Polarity is active high
1 : Polarity is active low
6:0
FIFOP_THR[6:0]
64
R/W
FIFOP_THR sets the threshold in number of bytes in the
RXFIFO for FIFOP to go active.
IOCFG1 (0x1D) – I/O Configuration Register 1
Bit
Field Name
Reset
R/W
Description
15:13
-
0
W0
Reserved, write as 0
12:10
HSSD_SRC[2:0]
0
R/W
The HSSD module is used as follows:
0: Off.
1: Output AGC status (gain setting / peak detector status /
accumulator value)
2: Output ADC I and Q values.
3: Output I/Q after digital down mix and channel filtering.
4: Reserved
5: Reserved
6: Input ADC I and Q values
7: Input DAC I and Q values.
The HSSD module requires that the FS is up and running as it
uses CLK_PRE (~150 MHZ) to produce its ~37.5 MHz data clock
and serialize its output words.
9:5
SFDMUX[4:0]
0
R/W
Multiplexer setting for the SFD pin.
4:0
CCAMUX[4:0]
0
R/W
Multiplexer setting for the CCA pin.
MANFIDL (0x1E) - Manufacturer ID, Lower 16 Bit
Bit
Field Name
Reset
R/W
Description
15:12
PARTNUM[3:0]
2
R
The device part number. CC2420 has part number 0x002.
11:0
MANFID[11:0]
0x33D
R
Gives the JEDEC manufacturer ID. The actual manufacturer ID
can be found in MANIFID[7:1], the number of continuation bytes
in MANFID[11:8] and MANFID[0]=1.
Chipcon's JEDEC manufacturer ID is 0x7F 0x7F 0x7F 0x9E
(0x1E preceded by three continuation bytes.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com