Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 48 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 48 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 44Page - Texas Instruments CC2420-RTR1 Datasheet HTML 45Page - Texas Instruments CC2420-RTR1 Datasheet HTML 46Page - Texas Instruments CC2420-RTR1 Datasheet HTML 47Page - Texas Instruments CC2420-RTR1 Datasheet HTML 48Page - Texas Instruments CC2420-RTR1 Datasheet HTML 49Page - Texas Instruments CC2420-RTR1 Datasheet HTML 50Page - Texas Instruments CC2420-RTR1 Datasheet HTML 51Page - Texas Instruments CC2420-RTR1 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
CC2420
SWRS041B
Page 48 of 89
21.8
Timing
Table 8 shows some examples of the time
used by the security module for different
operations.
Mode
l(a)
l(m)
l(MIC)
Time
[us]
CCM
50
69
8
222
CTR
-
15
-
99
CBC
17
98
12
99
Stand-
alone
-
16
-
14
Table 8. Security timing examples
22 Linear IF and AGC Settings
CC2420 is based on a linear IF chain
where the signal amplification is done in
an analog VGA (variable gain amplifier).
The gain of the VGA is digitally controlled.
The AGC (Automatic Gain Control) loop
ensures that the ADC operates inside its
dynamic range by using an analog/digital
feedback loop.
The AGC characteristics are set through
the AGCCTRL, AGCTST0, AGCTST1 and
AGCTST2
registers. The reset values
should be used for all AGC control and
test registers.
23 RSSI / Energy Detection
CC2420 has a built-in RSSI (Received
Signal Strength Indicator) providing a
digital value that can be read from the 8
bit,
signed
2’s
complement
RSSI.RSSI_VAL
register.
The RSSI value is always averaged over 8
symbol periods (128 µs), in accordance
with [1]. The RSSI_VALID status bit
(Table 5) indicates when the RSSI value is
valid, meaning that the receiver has been
enabled for at least 8 symbol periods.
The RSSI register value RSSI.RSSI_VAL
can be referred to the power P at the RF
pins by using the following equations:
P = RSSI_VAL + RSSI_OFFSET [dBm]
where
the
RSSI_OFFSET
is
found
empirically during system development
from the front end gain. RSSI_OFFSET is
approximately –45. E.g. if reading a value
of –20 from the RSSI register, the RF
input power is approximately –65 dBm.
A typical plot of the RSSI_VAL reading as
function of input power is shown in Figure
27. It can be seen from the figure that the
RSSI reading from
CC2420 is very linear
and has a dynamic range of about 100 dB.
The RSSI register value RSSI.RSSI_VAL
is calculated and continuously updated for
each symbol after RSSI has become valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com