Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 41 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 41 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 37Page - Texas Instruments CC2420-RTR1 Datasheet HTML 38Page - Texas Instruments CC2420-RTR1 Datasheet HTML 39Page - Texas Instruments CC2420-RTR1 Datasheet HTML 40Page - Texas Instruments CC2420-RTR1 Datasheet HTML 41Page - Texas Instruments CC2420-RTR1 Datasheet HTML 42Page - Texas Instruments CC2420-RTR1 Datasheet HTML 43Page - Texas Instruments CC2420-RTR1 Datasheet HTML 44Page - Texas Instruments CC2420-RTR1 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
CC2420
SWRS041B
Page 41 of 89
18 Address Recognition
CC2420 includes hardware support for
address recognition, as specified in [1].
Hardware address recognition may be
enabled
/
disabled
using
the
MDMCTRL0.ADR_DECODE
control bit.
Address recognition is based on the
following requirements, listed from section
7.5.6.2 in [1]:
The frame type subfield shall not
contain an illegal frame type
If the frame type indicates that the
frame is a beacon frame, the
source PAN identifier shall match
macPANId unless macPANId is
equal to 0xFFFF, in which case
the
beacon
frame
shall
be
accepted regardless of the source
PAN identifier.
If a destination PAN identifier is
included in the frame, it shall
match macPANId or shall be the
broadcast
PAN
identifier
(0xFFFF).
If a short destination address is
included in the frame, it shall
match either macShortAddress or
the broadcast address (0xFFFF).
Otherwise
if
an
extended
destination address is included in
the
frame,
it
shall
match
aExtendedAddress.
If only source addressing fields
are included in a data or MAC
command frame, the frame shall
only be accepted if the device is a
PAN coordinator and the source
PAN
identifier
matches
macPANId.
If any of the above requirements are not
satisfied and address recognition is
enabled,
CC2420 will disregard the
incoming frame and flush the data from
the RXFIFO. Only data from the rejected
frame is flushed, data from previously
accepted frames may still be in the
RXFIFO.
The IOCFG0.BCN_ACCEPT control bit
must be set when the PAN identifier
programmed into
CC2420 RAM is equal to
0xFFFF and cleared otherwise. This
particularly applies to active and passive
scans as defined by [1], which requires all
received beacons to be processed by the
MAC sublayer.
Incoming frames with reserved frame
types (FCF frame type subfield is 4, 5, 6 or
7)
is
however
accepted
if
the
RESERVED_FRAME_MODE
control bit in
MDMCTRL0
is set. In this case, no further
address recognition is performed on these
frames. This option is included for future
expansions
of
the
IEEE
802.15.4
standard.
If a frame is rejected,
CC2420 will only start
searching for a new frame after the
rejected frame has been completely
received (as defined by the length field) to
avoid detecting false SFDs within the
frame.
The
MDMCTRL0.PAN_COORDINATOR
control bit must be correctly set, since
parts of the address recognition procedure
requires knowledge about whether the
current device is a PAN coordinator or not.
19 Acknowledge Frames
CC2420 includes hardware support for
transmitting
acknowledge
frames,
as
specified in [1]. Figure 23 shows the
format of the acknowledge frame.
If MDMCTRL0.AUTOACK is enabled, an
acknowledge frame is transmitted for all
incoming frames accepted by the address
recognition with the acknowledge request
flag set and a valid CRC. AUTOACK
therefore does not make sense unless
also ADR_DECODE and AUTOCRC
are
enabled. The sequence number is copied
from the incoming frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com