Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 78 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 78 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 74Page - Texas Instruments CC2420-RTR1 Datasheet HTML 75Page - Texas Instruments CC2420-RTR1 Datasheet HTML 76Page - Texas Instruments CC2420-RTR1 Datasheet HTML 77Page - Texas Instruments CC2420-RTR1 Datasheet HTML 78Page - Texas Instruments CC2420-RTR1 Datasheet HTML 79Page - Texas Instruments CC2420-RTR1 Datasheet HTML 80Page - Texas Instruments CC2420-RTR1 Datasheet HTML 81Page - Texas Instruments CC2420-RTR1 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
CC2420
SWRS041B
Page 78 of 89
FSTST3 (0x2A) - Frequency Synthesizer Test Register 3
Bit
Field Name
Reset
R/W
Description
15
CHP_CAL_DISABLE
1
R/W
Disable charge pump during VCO calibration when set.
14
CHP_CURRENT_OE
0
R/W
Charge pump current override enable
0 : Charge pump current set by calibration
1 : Charge pump current set by START_CHP_CURRENT
13
CHP_TEST_UP
0
R/W
Forces the CHP to output "up" current when set
12
CHP_TEST_DN
0
R/W
Forces the CHP to output "down" current when set
11
CHP_DISABLE
0
R/W
Set to manually disable charge pump by masking the up and
down pulses from the phase-detector.
10
PD_DELAY
0
R/W
Selects short or long reset delay in phase detector:
0: Short reset delay
1: Long reset delay
9:8
CHP_STEP_PERIOD[1:0]
2
R/W
The charge pump current value step period:
0: 0.25 us
1: 0.5 us
2: 1 us
3: 4 us
7:4
STOP_CHP_CURRENT[3:0]
13
R/W
The charge pump current to stop at after the current is stepped
down from START_CHP_CURRENT after VCO calibration is
complete. The current is stepped down periodically with intervals
as defined in CHP_STEP_PERIOD.
3:0
START_CHP_CURRENT[3:0]
13
R/W
The charge pump current to start with after VCO calibration is
complete. The current is then stepped down periodically to the
value STOP_CHP_CURRENT with intervals as defined in
CHP_STEP_PERIOD.
Also used for overriding the charge pump current when
CHP_CURRENT_OE=’1’
RXBPFTST (0x2B) - Receiver Bandpass Filters Test Register
Bit
Field Name
Reset
R/W
Description
15
-
0
W0
Reserved, write as 0.
14
RXBPF_CAP_OE
0
R/W
RX bandpass filter capacitance calibration override enable.
13:7
RXBPF_CAP_O[6:0]
0
R/W
RX bandpass filter capacitance calibration override value.
6:0
RXBPF_CAP_RES[6:0]
0
R
RX bandpass filter capacitance calibration result.
0: Minimum capacitance in the feedback.
1: Second smallest capacitance setting.
127: Maximum capacitance in the feedback.
FSMSTATE (0x2C) - Finite state machine information
Bit
Field Name
Reset
R/W
Description
15:6
-
0
W0
Reserved, write as 0.
5:0
FSM_CUR_STATE[5:0]
0
R
Provides the current state of the FIFO and Frame Control
(FFCTRL) finite state machine. See the Radio control state
machine section on page 43 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com