Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420-RTR1 Datasheet(PDF) 77 Page - Texas Instruments

Part # CC2420-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420-RTR1 Datasheet(HTML) 77 Page - Texas Instruments

Back Button CC2420-RTR1 Datasheet HTML 73Page - Texas Instruments CC2420-RTR1 Datasheet HTML 74Page - Texas Instruments CC2420-RTR1 Datasheet HTML 75Page - Texas Instruments CC2420-RTR1 Datasheet HTML 76Page - Texas Instruments CC2420-RTR1 Datasheet HTML 77Page - Texas Instruments CC2420-RTR1 Datasheet HTML 78Page - Texas Instruments CC2420-RTR1 Datasheet HTML 79Page - Texas Instruments CC2420-RTR1 Datasheet HTML 80Page - Texas Instruments CC2420-RTR1 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
CC2420
SWRS041B
Page 77 of 89
FSTST0 (0x27) - Frequency Synthesizer Test Register 0
Bit
Field Name
Reset
R/W
Description
15:12
-
0
W0
Reserved, write as 0
11
VCO_ARRAY_SETTLE_LONG
0
R/W
When '1' this control bit doubles the time allowed for VCO
settling during VCO calibration.
10
VCO_ARRAY_OE
0
R/W
VCO array manual override enable.
9:5
VCO_ARRAY_O[4:0]
16
R/W
VCO array override value.
4:0
VCO_ARRAY_RES[4:0]
16
R
The VCO array result holds the register content of the most
recent calibration.
FSTST1 (0x28) - Frequency Synthesizer Test Register 1
Bit
Field Name
Reset
R/W
Description
15
VCO_TX_NOCAL
0
R/W
0 : VCO calibration is always performed when going to RX or
when going to TX.
1 : VCO calibration is only performed when going to RX or when
using the STXCAL command strobe
14
VCO_ARRAY_CAL_LONG
1
R/W
When ‘1’ this control bit doubles the time allowed for VCO
frequency measurements during VCO calibration.
0 : PLL Calibration time is 37 us
1 : PLL Calibration time is 57 us
13:10
VCO_CURRENT_REF[3:0]
4
R/W
The value of the reference current calibrated against during VCO
calibration.
9:4
VCO_CURRENT_K[5:0]
0
R/W
VCO current calibration constant. (Current B override value
when FSTST2.VCO_CURRENT_OE=1.)
3
VC_DAC_EN
0
R/W
Controls the source of the VCO VC node in normal operation
(TOPTST.VC_IN_TEST_EN=0):
0: Loop filter (closed loop PLL)
1: VC DAC (open loop PLL)
2:0
VC_DAC_VAL[2:0]
2
R/W
VC DAC output value
FSTST2 (0x29) - Frequency Synthesizer Test Register 2
Bit
Field Name
Reset
R/W
Description
15
-
0
W0
Reserved, write as 0.
14:13
VCO_CURCAL_SPEED[1:0]
0
R/W
VCO current calibration speed:
0: Normal
1: Double speed
2: Half speed
3: Undefined.
12
VCO_CURRENT_OE
0
R/W
VCO current manual override enable.
11:6
VCO_CURRENT_O[5:0]
24
R/W
VCO current override value (current A).
5:0
VCO_CURRENT_RES[5:0]
32
R
The VCO current result holds the register content of the most
recent calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com