Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 22Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 23Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 24Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 25Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 26Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 136 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
PF0100
Functional Block Requirements and Behaviors
Start-up
7.1.2.4
Soft Start Ramp Rate
The start-up ramp rate or soft start ramp rate can be chosen from the same options as shown in Dynamic Voltage Scaling.
7.1.3
OTP Prototyping
Before permanently programming fuses, it is possible to test the desired configuration by using the “Try Before Buy” feature. With
this feature, the configuration is loaded from the OTP registers. These registers merely serve as temporary storage for the values
to be written to the fuses, for the values read from the fuses, or for the values read from the default configuration. To avoid
confusion, these registers will be referred to as the TBBOTP registers. The portion of the register map that concerns OTP is
shown in Table 136 and Table 137.
The contents of the TBBOTP registers are initialized to zero when a valid VIN is first applied. The values that are then loaded
into the TBBOTP registers depend on the setting of the VDDOTP pin and on the value of the TBB_POR and FUSE_POR bits.
Refer to Table 15.
• If VDDOTP = VCOREDIG (1.5 V), the values are loaded from the default configuration.
• If VDDOTP = 0.0 V, TBB_POR = 0 and FUSE_POR = 1, the values are loaded from the fuses.
• If VDDOTP = 0.0 V, TBB_POR = 0 and FUSE_POR = 0, the TBBOTP registers remain initialized at zero.
The initial value of TBB_POR is always “0”; only when VDDOTP = 0.0 V and TBB_POR is set to “1” are the values from the
TBBOTP registers maintained and not loaded from a different source.
The contents of the TBBOTP registers are modified by I2C. To communicate with I2C, VIN must be valid and VDDIO, to which
SDA and SCL are pulled up, must be powered by a 1.7 to 3.6 V supply. VIN, or the coin cell voltage must be valid to maintain
the contents of the registers. To power on with the contents of the TBBOTP registers, the following conditions must exist; VIN is
valid, VDDOTP = 0.0 V, TBB_POR = 1 and there is a valid turn-on event. Refer to the application note AN4536 for an example
of prototyping.
7.1.4
Reading OTP Fuses
As described in the previous section, the contents of the fuses are loaded to the TBBOTP registers when the following conditions
are met; VIN is valid, VDDOTP = 0.0 V, TBB_POR = 0 and FUSE_POR = 1. If ECC were enabled at the time the fuses were
programmed, the error corrected values can be loaded into the TBBOTP registers if desired. Once the fuses are loaded and a
turn-on event occurs, the PMIC will power on with the configuration programmed in the fuses. For more details on reading the
OTP fuses, see application note AN4536.
7.1.5
Programming OTP Fuses
The parameters that can be programmed are shown in the TBBOTP registers in the Extended Page 1 of the register map. The
PF0100 offers ECC as well as automated programming, or manual programming. The control registers for these functions are
located in Extended Page 2 of the register map. There are ten banks of twenty-six fuses each that can be programmed.
Programming the fuses requires an 8.25 V, 100 mA supply powering the VDDOTP pin, bypassed with 10 to 20
μF of capacitance.
For more details on programming the OTP fuses, see application note AN4536.
1
011
0x0B
1
100
0x0C
1
101
0x0D
1
110
0x0E
1
111
0x0F
Table 14. I2C Address Configuration
I2C_SLV_ADDR[3]
Hard Coded
I2C_SLV_ADDR[2:0]
I2C Device Address
(Hex)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com