Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 73Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 74Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 75Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 76Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 77Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 78Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 79Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 80Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 136 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
77
PF0100
Functional Block Requirements and Behaviors
Power Generation
SWITCH MODE SUPPLY SW4 (CONTINUED)
Switching Frequency
SW4FREQ[1:0] = 00
SW4FREQ[1:0] = 01
SW4FREQ[1:0] = 10
fSW4
–
–
–
1.0
2.0
4.0
–
–
–
MHz
Efficiency
•fSW4 = 2.0 MHz, LSW4 = 1.0 μH
PFM, 1.8 V, 1.0 mA
PFM, 1.8 V, 50 mA
APS, PWM 1.8 V, 200 mA
APS, PWM 1.8 V, 500 mA
APS, PWM 1.8 V, 1000 mA
PWM 0.75 V, 200 mA
PWM 0.75 V, 500 mA
PWM 0.75 V, 1000 mA
ηSW4
–
–
–
–
–
–
–
–
81
78
87
88
83
78
76
66
–
–
–
–
–
–
–
–
%
Output Ripple
ΔVSW4
–10–
mV
Line Regulation (APS, PWM)
VSW4LIR
––
20
mV
DC Load Regulation (APS, PWM)
VSW4LOR
––
20
mV
Transient Load Regulation
• Transient Load = 0.0 mA to 500 mA, di/dt = 100 mA/
μs
Overshoot
Undershoot
VSW4LOTR
–
–
–
–
50
50
mV
Quiescent Current
PFM Mode
APS Mode
ISW4Q
–
–
22
145
–
–
µA
SW4 P-MOSFET RDSON
at VIN = VINSW4 = 3.3 V
RONSW4P
–
236
274
m
Ω
SW4 N-MOSFET RDSON
at VIN = VINSW4 = 3.3 V
RONSW4N
–
293
378
m
Ω
SW4 P-MOSFET Leakage Current
VIN = VINSW4 = 4.5 V
ISW4PQ
––
6.0
µA
SW4 N-MOSFET Leakage Current
VIN = VINSW4 = 4.5 V
ISW4NQ
––
2.0
µA
Discharge Resistance
RSW4DIS
–
600
–
Ω
Notes
45.
When output is set to > 2.6 V the output will follow the input down when VIN gets near 2.8 V.
46.
The higher output voltages available depend on the voltage drop in the conduction path as given by the following equation:
(VINSW4 - VSW4) = ISW4* (DCR of Inductor +RONSW4P + PCB trace resistance).
Table 86. SW4 Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = VINSW4 = 3.6 V, VSW4 = 1.8 V, ISW4 = 100 mA,
SW4_PWRSTG[2:0] = [101], typical external component values, fSW4 = 2.0 MHz, single/dual phase and independent mode
unless, otherwise noted. Typical values are characterized at VIN = VINSW4 = 3.6 V, VSW4 = 1.8 V, ISW4 = 100 mA,
SW4_PWRSTG[2:0] = [101], and 25 °C, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com