Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 44Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 45Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 46Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 47Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 48Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 49Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 50Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 51Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 136 page
background image
Analog Integrated Circuit Device Data
48
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
SW1A/B/C Specifications
LSW1C
SW1C Inductor
–
1.0
μH
DCR = 60 m
Ω
ISAT = 2.4 A
1.0
μH
DCR = 60 m
Ω
ISAT = 2.4 A
Notes
32.
Use X5R or X7R capacitors.
Table 53. SW1A/B/C Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = VINSW1x = 3.6 V, VSW1x = 1.2 V, ISW1x = 100 mA,
SW1x_PWRSTG[2:0] = [111], typical external component values, fSW1x = 2.0 MHz, unless otherwise noted. Typical values are
characterized at VIN = VINSW1x = 3.6 V, VSW1x = 1.2 V, ISW1x = 100 mA, SW1x_PWRSTG[2:0] = [111], and 25 °C, unless
otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
SW1A/B/C (SINGLE PHASE)
Operating Input Voltage
VINSW1A
VINSW1B
VINSW1C
2.8
–
4.5
V
Nominal Output Voltage
VSW1ABC
–
Table 40
–V
Output Voltage Accuracy
• PWM, APS, 2.8 V < VIN < 4.5 V, 0 < ISW1ABC < 4.5 A
0.3 V
≤ VSW1ABC ≤ 1.450 V
1.475 V
≤ VSW1ABC ≤ 1.875 V
• PFM, steady state, 2.8 V < VIN < 4.5 V, 0 < ISW1ABC < 150 mA
0.3 V < VSW1ABC < 0.85 V
0.875 V < VSW1ABC < 1.875 V
VSW1ABCACC
-25
-3.0%
-65
-6.0%
–
–
–
–
25
3.0%
65
6.0%
mV
%
Rated Output Load Current,
2.8 V < VIN < 4.5 V, 0.3 V < VSW1ABC < 1.875 V
ISW1ABC
–
–
4500
mA
Current Limiter Peak Current Detection
• Current through Inductor
SW1ABILIM = 0
SW1ABILIM = 1
ISW1ABCLIM
7.1
5.3
10.5
7.9
13.7
10.3
A
Start-up Overshoot
ISW1ABC = 0 mA
DVS clk = 25 mV/4
μs, VIN = VINSW1x = 4.5 V, VSW1ABC = 1.875 V
VSW1ABCOSH
––
66
mV
Turn-on Time
Enable to 90% of end value
ISW1x = 0 mA
DVS clk = 25 mV/4.0
μs, VIN = VINSW1x = 4.5 V,
VSW1ABC = 1.875 V
tONSW1ABC
–
–
500
µs
Switching Frequency
SW1xFREQ[1:0] = 00
SW1xFREQ[1:0] = 01
SW1xFREQ[1:0] = 10
fSW1ABC
–
–
–
1.0
2.0
4.0
–
–
–
MHz
Table 52. SW1A/B/C External Component Recommendations
Mode
Components
Description
A/B/C Single
Phase
A/B Single - C
Independent Mode
A/B Dual - C
Independent Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com