Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMPF0100 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 136 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
PF0100
Part Identification
Description
2
Part Identification
This section provides an explanation of the part numbers and their alphanumeric breakdown.
2.1
Description
Part numbers for the chips have fields that identify the specific part configuration. You can use the values of these fields to
determine the specific part you have received.
2.2
Format and Fields Description
The part number is structured in the following format:
MM-ff-xxxx-yy-r-v-PP-RR
Table 2 shows the meaning and possible values for each field contained in the part number (not all combinations are valid).
Table 2. Part Number Structure Definition
Field
Definition
Possible values
MM
Product Category
PM = Prototype device
MM = Qualified standard device
SM = Custom device
ff
Family
PF = PF Series
xxxx
Product number
0100
yy
Program configuration
See Table 9
r
Revision
Blank for initial revision
v
Variation
Blank for consumer and industrial
PP
Package designator
EP = E-type QFN exposed pad
RR
Tape & reel indicator
R2 = 13 inch reel hub



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com