Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MMPF0100 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 136 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
PF0100
Orderable Parts
1
Orderable Parts
The PF0100 is available with both pre-programmed and non-programmed OTP memory configurations. The non-programmed
device uses "NP" as the programming code. The pre-programmed devices are identified using the program codes from Table 1,
which also list the associated Freescale reference designs where applicable. Details of the OTP programming for each device
can be found in Table 9.
Table 1. Orderable Part Variations
Part Number
Temperature (TA)
Package
Programming
Reference Designs
Notes
MMPF0100NPEP
-40 to 85 °C
56 QFN 8x8 mm - 0.5 mm pitch
E-Type QFN (full lead)
NP
N/A
(2)(1)
MMPF0100F0EP
F0
MCIMX6Q-SDP
MCIMX6Q-SDB
MCIMX6DL-SDP
(2)(1)
MMPF0100F1EP
F1
MCIMX6SLEVK
(2)(1)
MMPF0100F2EP
F2
N/A
(2)(1)
Notes
1.
For Tape and Reel add an R2 suffix to the part number.
2.
For programming details see Table 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com