Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 67Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 68Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 69Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 70Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 71Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 72Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 73Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 74Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 136 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Ef
fi
ci
e
n
cy
 (%
)
Load Current (mA)
PFM ‐ Vout = 1.5V
APS ‐ Vout = 1.5V
PWM ‐ Vout = 1.5V
Analog Integrated Circuit Device Data
Freescale Semiconductor
71
PF0100
Functional Block Requirements and Behaviors
Power Generation
Figure 19. SW3AB Single Phase Efficiency Waveforms
7.4.4.6
SW4
SW4 is a 1.0 A rated single phase buck regulator capable of operating in two modes. In its default mode, it operates as a normal
buck regulator with a programmable output between 0.400 and 3.300 V. It is capable of operating in the three available switching
modes: PFM, APS, and PWM, described on Table 29 and configured by the SW4MODE[3:0] bits, as shown in Table 30.
If the system requires DDR memory termination, SW4 can be used in its VTT mode. In the VTT mode, its reference voltage will
track the output voltage of SW3A, scaled by 0.5. Furthermore, when in VTT mode, only the PWM switching mode is allowed. The
VTT mode can be configured by use of VTT bit in the OTP_SW4_CONFIG register.
Figure 20 shows the block diagram and the external component connections for the SW4 regulator.
SWITCH MODE SUPPLY SW3A/B (CONTINUED)
SW3A N-MOSFET Leakage Current
VIN = VINSW3A = 4.5 V
ISW3ANQ
––
2.5
µA
SW3B P-MOSFET RDSON
at VIN = VINSW3B = 3.3 V
RONSW3BP
–
215
245
m
Ω
SW3B N-MOSFET RDSON
at VIN = VINSW3B = 3.3 V
RONSW3BN
–
258
326
m
Ω
SW3B P-MOSFET Leakage Current
VIN = VINSW3B = 4.5 V
ISW3BPQ
––
7.5
µA
SW3B N-MOSFET Leakage Current
VIN = VINSW3B = 4.5 V
ISW3BPQ
––
2.5
µA
Discharge Resistance
RSW3xDIS
–
600
–
Ω
Notes
41.
When output is set to > 2.6 V the output will follow the input down when VIN gets near 2.8 V.
42.
The higher output voltages available depend on the voltage drop in the conduction path as given by the following equation:
(VINSW3x - VSW3x) = ISW3x* (DCR of Inductor +RONSW3xP + PCB trace resistance).
Table 77. SW3A/B Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], typical external component values, fSW3x = 2.0 MHz, single/dual phase and independent mode
unless, otherwise noted. Typical values are characterized at VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], and 25 °C, unless otherwise noted.
P
arameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com