Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 22Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 23Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 136 page
background image
*VSNVS will start from 1.0 V if LICELL is valid before VIN.
UVDET
LICELL
VIN
VSNVS
PWRON
SW1A/B
SW1C
SW2
VGEN2
SW3A/B
SW4
VREFDDR
VGEN4
VGEN5
VGEN6
RESETBMCU
td1
td3
td4
td4
tr1
tr3
tr3
tr3
td5
tr4
tr2
td2
1V
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Start-up
Figure 5. Default Start-up Sequence
Table 10. Default Start-up Sequence Timing
Parameter
Description
Min
Typ
Max
Unit
tD1
Turn-on delay of VSNVS (16)
–15–
ms
tR1
Rise time of VSNVS
–
3.0
–
ms
tD2
User determined delay
–
1.0
–
ms
tR2
Rise time of PWRON
–
(17)
–ms
tD3
Turn-on delay of first regulator
SEQ_CLK_SPEED[1:0] = 00
–
2.0
–
ms
SEQ_CLK_SPEED[1:0] = 01(18)
–2.5–
SEQ_CLK_SPEED[1:0] = 10
–
4.0
–
SEQ_CLK_SPEED[1:0] = 11
–
7.0
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com