Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 31Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 32Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 33Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 34Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 35Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 36Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 37Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 38Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 136 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
35
PF0100
Functional Block Requirements and Behaviors
Power Generation
7.4.4
Buck Regulators
Each buck regulator is capable of operating in PFM, APS, and PWM switching modes.
7.4.4.1
Current Limit
Each buck regulator has a programmable current limit. In an over-current condition, the current is limited cycle-by-cycle. If the
current limit condition persists for more than 8.0 ms, a fault interrupt is generated.
7.4.4.2
General Control
To improve system efficiency the buck regulators can operate in different switching modes. Changing between switching modes
can occur by any of the following means: I2C programming, exiting/entering the Standby mode, exiting/entering Sleep mode, and
load current variation. Available switching modes for buck regulators are presented in Table 29.
During soft-start of the buck regulators, the controller transitions through the PFM, APS, and PWM switching modes. 3.0 ms
(typical) after the output voltage reaches regulation, the controller transitions to the selected switching mode. Depending on the
particular switching mode selected, additional ripple may be observed on the output voltage rail as the controller transitions
between switching modes.
Table 30 summarizes the Buck regulator programmability for Normal and Standby modes.
Table 29. Switching Mode Description
Mode
Description
OFF
The regulator is switched off and the output voltage is discharged.
PFM
In this mode, the regulator is always in PFM mode, which is useful at light loads for
optimized efficiency.
PWM
In this mode, the regulator is always in PWM mode operation regardless of load conditions.
APS
In this mode, the regulator moves automatically between pulse skipping mode and PWM
mode depending on load conditions.
Table 30. Regulator Mode Control
SWxMODE[3:0]
Normal Mode
Standby Mode
0000
Off
Off
0001
PWM
Off
0010
Reserved
Reserved
0011
PFM
Off
0100
APS
Off
0101
PWM
PWM
0110
PWM
APS
0111
Reserved
Reserved
1000
APS
APS
1001
Reserved
Reserved
1010
Reserved
Reserved
1011
Reserved
Reserved
1100
APS
PFM
1101
PWM
PFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com