Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 22Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 23Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 24Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 25Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 26Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 27Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 28Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 136 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
PF0100
Functional Block Requirements and Behaviors
Bias and References Block Description
7.3.1.1
External Components
7.3.2
VREFDDR Voltage Reference
VREFDDR is an internal PMOS half supply voltage follower capable of supplying up to 10 mA. The output voltage is at one half
the input voltage. Its typically used as the reference voltage for DDR memories. A filtered resistor divider is utilized to create a
low frequency pole. This divider then utilizes a voltage follower to drive the load.
Table 17. Core Voltages Electrical Specifications(21)
TA = -40 to 85 °C, VIN = 2.8 to 4.5 V, LICELL = 1.8 to 3.3 V, and typical external component values. Typical values are
characterized at VIN = 3.6 V, LICELL = 3.0 V, and 25 °C, unless otherwise noted.
Parameters
Symbol
Min
Typ
Max
Units
VCOREDIG (DIGITAL CORE SUPPLY)
Output Voltage
ON mode (20)
Coin cell mode and OFF
VCOREDIG
–
–
1.5
1.3
–
–
V
VCORE (ANALOG CORE SUPPLY)
Output Voltage
ON mode and charging(20)
OFF and Coin cell mode
VCORE
–
–
2.775
0.0
–
–
V
VCOREREF (BANDGAP / REGULATOR REFERENCE)
Output Voltage(20)
VCOREREF
–1.2
–
V
Absolute Accuracy
VCOREREFACC
–0.5
–
%
Temperature Drift
VCOREREFTACC
–0.25
–
%
Notes
20.
3.0 V < VIN < 4.5 V, no external loading on VCOREDIG, VCORE, or VCOREREF. Extended operation down to UVDET, but no system
malfunction.
21.
For information only.
Table 18. External Components for Core Voltages
Regulator
Capacitor Value (
μF)
VCOREDIG
1.0
VCORE
1.0
VCOREREF
0.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com