Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 43Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 44Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 45Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 46Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 47Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 48Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 49Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 50Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 136 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
47
PF0100
Functional Block Requirements and Behaviors
Power Generation
SW1A/B/C External Components
Table 50. Register SW1CMODE - ADDR 0x31
Name
Bit #
R/W
Default
Description
SW1CMODE
3:0
R/W
0x80
Sets the SW1C switching operation mode.
See Table 29 for all possible configurations.
UNUSED
4
–
0x00
UNUSED
SW1COMODE
5
R/W
0x00
Set status of SW1C when in Sleep mode
0 = OFF
1 = PFM
UNUSED
7:6
–
0x00
UNUSED
Table 51. Register SW1CCONF - ADDR 0x32
Name
Bit #
R/W
Default
Description
SW1CILIM
0
R/W
0x00
SW1C current limit level selection
0 = High level current limit
1 = Low level current limit
UNUSED
1
R/W
0x00
Unused
SW1CFREQ
3:2
R/W
0x00
SW1C switching frequency selector.
See Table 37.
SW1CPHASE
5:4
R/W
0x00
SW1C Phase clock selection.
See Table 35.
SW1CDVSSPEED
7:6
R/W
0x00
SW1C DVS speed selection.
See Table 33.
Table 52. SW1A/B/C External Component Recommendations
Mode
Components
Description
A/B/C Single
Phase
A/B Single - C
Independent Mode
A/B Dual - C
Independent Mode
CINSW1A(32)
SW1A Input capacitor
4.7
μF4.7 μF4.7 μF
CIN1AHF(32)
SW1A Decoupling input capacitor
0.1
μF0.1 μF0.1 μF
CINSW1B(32)
SW1B Input capacitor
4.7
μF4.7 μF4.7 μF
CIN1BHF(32)
SW1B Decoupling input capacitor
0.1
μF0.1 μF0.1 μF
CINSW1C(32)
SW1C Input capacitor
4.7
μF4.7 μF4.7 μF
CIN1CHF(32)
SW1C Decoupling input capacitor
0.1
μF0.1 μF0.1 μF
COSW1AB(32)
SW1A/B Output capacitor
6 x 22
μF4 x 22 μF
4 x 22
μF
COSW1C(32)
SW1C Output capacitor
–
2 x 22
μF
2 x 22
μF
LSW1A
SW1A Inductor
1.0
μH
DCR = 12 m
Ω
ISAT = 4.5 A
1.0
μH
DCR = 12 m
Ω
ISAT = 4.5 A
1.0
μH
DCR = 60 m
Ω
ISAT = 2.4 A
LSW1B
SW1B Inductor
–
–
1.0
μH
DCR = 60 m
Ω
ISAT = 2.4 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com