Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 66Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 67Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 68Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 69Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 70Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 71Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 72Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 73Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 136 page
background image
Analog Integrated Circuit Device Data
70
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
SWITCH MODE SUPPLY SW3A/B (CONTINUED)
Current Limiter Peak Current Detection
• Single phase (Current through inductor)
SW3xILIM = 0
SW3xILIM = 1
• Independent mode or Dual phase (Current through inductor per
phase)
SW3xILIM = 0
SW3xILIM = 1
ISW3xLIM
3.5
2.7
1.8
1.3
5.0
3.8
2.5
1.9
6.5
4.9
3.3
2.5
A
Start-up Overshoot
ISW3x = 0.0 mA
DVS clk = 25 mV/4
μs, VIN = VINSW3x = 4.5 V
VSW3xOSH
––
66
mV
Turn-on Time
Enable to 90% of end value
ISW3x = 0 mA
DVS clk = 25 mV/4
μs, VIN = VINSW3x = 4.5 V
tONSW3x
–
–
500
µs
Switching Frequency
SW3xFREQ[1:0] = 00
SW3xFREQ[1:0] = 01
SW3xFREQ[1:0] = 10
fSW3x
–
–
–
1.0
2.0
4.0
–
–
–
MHz
Efficiency (Single Phase)
•fSW3 = 2.0 MHz, LSW3x 1.0 μH
PFM, 1.5 V, 1.0 mA
PFM, 1.5 V, 50 mA
APS, PWM 1.5 V, 500 mA
APS, PWM 1.5 V, 750 mA
APS, PWM 1.5 V, 1250 mA
APS, PWM 1.5 V, 2500 mA
ηSW3AB
–
–
–
–
–
–
84
85
85
84
80
74
–
–
–
–
–
–
%
Output Ripple
ΔVSW3x
–10–
mV
Line Regulation (APS, PWM)
VSW3xLIR
––
20
mV
DC Load Regulation (APS, PWM)
VSW3xLOR
––
20
mV
Transient Load Regulation
• Transient Load = 0.0 mA to ISW3x/2, di/dt = 100 mA/μs
Overshoot
Undershoot
VSW3xLOTR
–
–
–
–
50
50
mV
Quiescent Current
PFM Mode (Single/Dual Phase)
APS Mode (Single/Dual Phase)
PFM Mode (Independent mode)
APS Mode (SW3A Independent mode)
APS Mode (SW3B Independent mode)
ISW3xQ
–
–
–
–
–
22
300
50
250
150
–
–
–
–
–
µA
SW3A P-MOSFET RDSON
at VIN = VINSW3A = 3.3 V
RONSW3AP
–
215
245
m
Ω
SW3A N-MOSFET RDSON
at VIN = VINSW3A = 3.3 V
RONSW3AN
–
258
326
m
Ω
SW3A P-MOSFET Leakage Current
VIN = VINSW3A = 4.5 V
ISW3APQ
––
7.5
µA
Table 77. SW3A/B Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], typical external component values, fSW3x = 2.0 MHz, single/dual phase and independent mode
unless, otherwise noted. Typical values are characterized at VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], and 25 °C, unless otherwise noted.
P
arameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com