Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 34Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 35Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 36Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 37Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 38Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 39Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 40Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 41Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 136 page
background image
Analog Integrated Circuit Device Data
38
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
The SWxFREQ[1:0] register is used to set the desired switching frequency for each one of the buck regulators. Table 37 shows
the selectable options for SWxFREQ[1:0]. For each frequency, all phases will be available, this allows regulators operating at
different frequencies to have different relative switching phases. However, not all combinations are practical. For example,
2.0 MHz, 90 ° and 4.0 MHz, 180 ° are the same in terms of phasing. Table 36 shows the optimum phasing when using more than
one switching frequency.
Programmable Maximum Current
The maximum current, ISWxMAX, of each buck regulator is programmable. This allows the use of smaller inductors where lower
currents are required. Programmability is accomplished by choosing the number of paralleled power stages in each regulator.
The SWx_PWRSTG[2:0] bits on the Extended Page 2 of the register map control the number of power stages. See Table 38 for
the programmable options. Bit[0] must always be enabled to ensure the stage with the current sensor is chosen. The default
setting, SWx_PWRSTG[2:0] = 111, represents the highest maximum current. The current limit for each option is also scaled by
the percentage of power stages that are enabled.
Table 35. Regulator Phase Clock Selection
SWxPHASE[1:0]
Phase of Clock Sent to Regulator
(degrees)
00
0
01
90
10
180
11
270
Table 36. Optimum Phasing
Frequencies
Optimum Phasing
1.0 MHz
2.0 MHz
0 °
180 °
1.0 MHz
4.0 MHz
0 °
180 °
2.0 MHz
4.0 MHz
0 °
180 °
1.0 MHz
2.0 MHz
4.0 MHz
0 °
90 °
90 °
Table 37. Regulator Frequency Configuration
SWxFREQ[1:0]
Frequency
00
1.0 MHz
01
2.0 MHz
10
4.0 MHz
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com