Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 59Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 60Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 61Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 62Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 63Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 64Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 65Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 66Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 136 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
63
PF0100
Functional Block Requirements and Behaviors
Power Generation
SW3A - SW3B Independent Outputs
SW3A and SW3B can be configured as independent outputs as shown in Figure 18, providing flexibility for applications requiring
more voltage rails with less current capability. Each output is configured and controlled independently by its respective I2C
registers as shown in Table 65.
Driver
Controller
EA
Z1
Z2
Internal
Compensation
SW3AIN
SW3ALX
SW3AFB
ISENSE
COSW3A
CINSW3A
LSW3A
I2C
Interface
GNDSW3A
SW3A
SW3AMODE
SW3AFAULT
VREF
DAC
I2C
VIN
Driver
Controller
EA
Z1
Z2
Internal
Compensation
SW3BIN
SW3BLX
SW3BFB
ISENSE
COSW3B
CINSW3B
LSW3B
GNDSW3B
SW3B
SW3BMODE
SW3BFAULT
VREF
DAC
I2C
VIN
Figure 18. SW3A/B Independent Output Block Diagram
SW3A/B Setup and Control Registers
SW3A/B output voltage is programmable from 0.400 to 3.300 V; however, bit SW3x[6] in register SW3xVOLT is read-only during
normal operation. Its value is determined by the default configuration, or may be changed by using the OTP registers. Therefore,
once SW3x[6] is set to “0”, the output will be limited to the lower output voltages from 0.40 to 1.975 V with 25 mV increments, as
determined by bits SW3x[5:0]. Likewise, once bit SW3x[6] is set to "1", the output voltage will be limited to the higher output
voltage range from 0.800 to 3.300 V with 50 mV increments, as determined by bits SW3x[5:0].
In order to optimize the performance of the regulator, it is recommended that only voltages from 2.00 to 3.300 V be used in the
high range and that that the lower range be used for voltages from 0.400 to 1.975 V.
The output voltage set point is independently programmed for Normal, Standby, and Sleep mode by setting the SW3x[5:0],
SW3xSTBY[5:0], and SW3xOFF[5:0] bits respectively; however, the initial state of the SW3x[6] bit will be copied into the
SW3xSTBY[6] and SW3xOFF[6] bits. Therefore, the output voltage range will remain the same on all three operating modes.
Table 64 shows the output voltage coding valid for SW3x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com