Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 62Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 63Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 64Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 65Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 66Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 67Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 68Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 69Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 136 page
background image
Analog Integrated Circuit Device Data
66
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
Table 65 provides a list of registers used to configure and operate SW3A/B. A detailed description on each of these register is
provided on Tables 66 through Table 75.
Table 65. SW3AB Register Summary
Register
Address
Output
SW3AVOLT
0x3C
SW3A Output voltage set point on normal operation
SW3ASTBY
0x3D
SW3A Output voltage set point on Standby
SW3AOFF
0x3E
SW3A Output voltage set point on Sleep
SW3AMODE
0x3F
SW3A Switching mode selector register
SW3ACONF
0x40
SW3A DVS, phase, frequency and ILIM configuration
SW3BVOLT
0x43
SW3B Output voltage set point on normal operation
SW3BSTBY
0x44
SW3B Output voltage set point on Standby
SW3BOFF
0x45
SW3B Output voltage set point on Sleep
SW3BMODE
0x46
SW3B Switching mode selector register
SW3BCONF
0x47
SW3B DVS, phase, frequency and ILIM configuration
Table 66. Register SW3AVOLT - ADDR 0x3C
Name
Bit #
R/W
Default
Description
SW3A
5:0
R/W
0x00
Sets the SW3A output voltage (Independent) or
SW3A/B output voltage (Single/Dual phase),
during normal operation mode. See Table 64 for
all possible configurations.
SW3A
6
R
0x00
Sets the operating output voltage range for SW3A
(Independent) or SW3A/B (Single/Dual phase).
Set during OTP or TBB configuration only. See
Table 64 for all possible configurations.
UNUSED
7
–
0x00
UNUSED
Table 67. Register SW3ASTBY - ADDR 0x3D
Name
Bit #
R/W
Default
Description
SW3ASTBY
5:0
R/W
0x00
Sets the SW3A output voltage (Independent) or
SW3A/B output voltage (Single/Dual phase),
during Standby mode. See Table 64 for all
possible configurations.
SW3ASTBY
6
R
0x00
Sets the operating output voltage range for SW3A
(Independent) or SW3A/B (Single/Dual phase) on
Standby mode. This bit inherits the value
configured on bit SW3A[6] during OTP or TBB
configuration. See Table 64 for all possible
configurations.
UNUSED
7
–
0x00
UNUSED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com