Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 30Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 31Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 32Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 33Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 34Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 35Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 36Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 37Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 136 page
background image
SW2
VDDHIGH
(0.4 to 3.3 V), 2.0 A
VDDARM_IN
VDDSOC_IN
VDDHIGH_IN
VDD_DDR_IO
i.MX6X
MCU
LDO_3p0
SWBST
5.0 V, 0.6 A
SW3B
DDR IO
(0.4 to 3.3 V), 1.25 A
SW3A
DDR CORE
(0.4 to 3.3 V), 1.25 A
SW1C
SOC
(0.3 to 1.875 V), 2.0 A
SW1B
CORE
(0.3 to 1.875 V), 1.25 A
SW1A
CORE
(0.3 to 1.875 V), 1.25 A
USB_OTG
Peripherals
VGEN1
(0.80 to 1.55 V),
100 mA
VGEN2
(0.80 to 1.55 V),
250 mA
VGEN3
(1.8 to 3.3 V),
100 mA
VSNVS_IN
VGEN4
(1.8 to 3.3 V),
350 mA
VGEN5
(1.8 to 3.3 V),
100 mA
VGEN6
(1.8 to 3.3 V),
200 mA
DDR3
SW4
System/VTT
(0.4 to 3.3 V)
(0.5*VDDR)
1.0 A
VREFDDR
0.5*VDDR, 10 mA
Coincell
VIN
SW3A/B
VIN
SW2
SW4
VINMAX = 3.4 V
VIN
2.8 - 4.5 V
VINMAX = 3.6 V
VSNVS
1.0 to 3.0 V,
400 uA
MUX /
COIN
CHRG
VINMAX = 4.5 V
VIN
SW2
SW4
VIN
SW2
SW4
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
Figure 8. PF0100 Typical Power Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com