Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 22Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 23Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 24Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 25Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 26Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 27Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 28Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 29Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 136 page
background image
VINREFDDR
VREFDDR
VINREFDDR
CHALF1
Discharge
+
_
VHALF
VREFDDR
CHALF2
100 nf
100 nf
CREFDDR
1.0 uf
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Bias and References Block Description
Figure 6. VREFDDR Block Diagram
7.3.2.1
VREFDDR Control Register
The VREFDDR voltage reference is controlled by a single bit in VREFDDCRTL register in Table 19.
External Components
Table 19. Register VREFDDCRTL - ADDR 0x6A
Name
Bit #
R/W
Default
Description
UNUSED
3:0
–
0x00
UNUSED
VREFDDREN
4
R/W
0x00
Enable or disables VREFDDR output voltage
0 = VREFDDR Disabled
1 = VREFDDR Enabled
UNUSED
7:5
–
0x00
UNUSED
Table 20. VREFDDR External Components(22)
Capacitor
Capacitance (
μF)
VINREFDDR(23) to VHALF
0.1
VHALF to GND
0.1
VREFDDR
1.0
Notes
22.
Use X5R or X7R capacitors.
23.
VINREFDDR to GND, 1.0
μF minimum
capacitance is provided by buck regulator output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com