Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 91Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 92Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 93Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 94Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 95Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 96Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 97Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 98Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 136 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
95
PF0100
Functional Block Requirements and Behaviors
Power Generation
VGEN4 AC AND TRANSIENT (CONTINUED)
Turn-On Time
Enable to 90% of end value, VIN2 = VIN2MIN, 3.6 V
IGEN4 = 0.0 mA
GEN4tON
60
–
500
μs
Turn-Off Time
Disable to 10% of initial value, VIN2 = VIN2MIN
IGEN4 = 0.0 mA
GEN4tOFF
––
10
ms
Start-up Overshoot
VIN2 = VIN2MIN, 3.6 V, IGEN4 = 0.0 mA
GEN4OSHT
–1.0
2.0
%
Transient Load Response
VIN2 = VIN2MIN, 3.6 V
IGEN4 = 35 to 350 mA in 1.0 μs
Peak of overshoot or undershoot of VGEN4 with respect to final
value. Refer to Figure 24
VGEN4LOTR
––
3.0
%
Transient Line Response
IGEN4 = 262.5 mA
VIN2INITIAL = 2.8 V to VIN2FINAL = 3.3 V for
VGEN4[3:0] = 0000 to 0111
VIN2INITIAL = VGEN4+0.3 V to VIN2FINAL = VGEN4+0.8 V for
VGEN4[3:0] = 1000 to 1010
VIN2INITIAL = VGEN4+0.25 V to VIN2FINAL = 3.6 V for
VGEN4[3:0] = 1011 to 1111
Refer to Figure 24
VGEN4LITR
–5.0
8.0
mV
Notes
56.
When the LDO Output voltage is set above 2.6 V the minimum allowed input voltage need to be at least the output voltage plus 0.25 V
for proper regulation due to the dropout voltage generated through the internal LDO transistor.
57.
The PSRR of the regulators is measured with the perturbing signal at the input of the regulator. The power management IC is supplied
separately from the input of the regulator and does not contain the perturbed signal. During measurements, care must be taken not to
operate in the dropout region of the regulator under test. VIN2MIN refers to the minimum allowed input voltage for a particular output
voltage.
Table 104. VGEN4 Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = 3.6 V, VIN2 = 3.6 V, VGEN4[3:0] = 1111, IGEN4 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VIN2 = 3.6 V, VGEN4[3:0] = 1111,
IGEN4 = 10 mA, and 25 °C, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com