Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 136 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
PF0100
Pin Connections
Pin Definitions
46
SWBSTLX
O
7.5 V
Analog
SWBST switch node connection
47
VDDOTP
I
9.0 V(3)
Digital &
Analog
Supply to program OTP fuses
48
GNDREF
GND
-
GND
Ground reference for the main band gap regulator.
49
VCORE
O
3.6 V
Analog
Analog Core supply
50
VIN
I
4.8 V
Analog
Main chip supply
51
VCOREDIG
O
1.5 V
Analog
Digital Core supply
52
VCOREREF
O
1.5 V
Analog
Main band gap reference
53
SDA
I/O
3.6 V
Digital
I2C data line (Open drain)
54
SCL
I
3.6 V
Digital
I2C clock
55
VDDIO
I
3.6 V
Analog
Supply for I2C bus
56
PWRON
I
3.6 V
Digital
Power On/off from processor
-
EP
GND
-
GND
Expose pad. Functions as ground return for buck regulators. Tie
this pad to the inner and external ground planes through vias to
allow effective thermal dissipation.
Notes
3.
9.0 V Maximum voltage rating during OTP fuse programming. 7.5 V Maximum DC voltage rated otherwise.
Table 3. PF0100 Pin Definitions (continued)
Pin Number
Pin Name
Pin
Function
Max Rating
Type
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com