Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 37Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 38Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 39Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 40Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 41Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 42Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 43Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 44Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 136 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
41
PF0100
Functional Block Requirements and Behaviors
Power Generation
SW1A/B/C Single Phase
In this configuration, all phases A, B, and C, are connected together to a single inductor, thus, providing up to 4.50 A current
capability for high current applications. The feedback and all other controls are accomplished by use of pin SW1CFB and SW1C
control registers, respectively. Figure 10 shows the connection for SW1A/B/C in single phase mode.
During Single Phase mode operation, all three phases will use the same configuration for frequency, phase, and DVS speed set
in SW1CCONF register. However, the same configuration settings for frequency, phase, and DVS speed setting on SW1AB
registers should be used. The SW1FB pin should be left floating in this configuration.
Driver
Controller
SW1AIN
SW1ALX
SW1FB
ISENSE
COSW1A
CINSW1A
LSW1
I2C
Interface
GNDSW1A
SW1A/B/C
SW1AMODE
SW1AFAULT
VIN
Driver
Controller
SW1BIN
SW1BLX
ISENSE
CINSW1B
GNDSW1B
SW1BMODE
SW1BFAULT
VIN
EA
Z1
Z2
Internal
Compensation
VREF
DAC
I2C
Driver
Controller
EA
Z1
Z2
Internal
Compensation
SW1CIN
SW1CLX
SW1CFB
ISENSE
CINSW1C
GNDSW1C
SW1CMODE
SW1CFAULT
VREF
DAC
I2C
VIN
Figure 10. SW1A/B/C Single Phase Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com