Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 72Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 73Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 74Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 75Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 76Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 77Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 78Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 79Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 136 page
background image
Analog Integrated Circuit Device Data
76
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
SW4 External Components
SW4 Specifications
Table 85. SW4 External Component Requirements
Components
Description
Values
CINSW4(44)
SW4 Input capacitor
4.7
μF
CIN4HF(44)
SW4 Decoupling input capacitor
0.1
μF
COSW4(44)
SW4 Output capacitor
2 x 22
μF
LSW4
SW4 Inductor
1.0
μH
DCR = 60 m
Ω
ISAT = 3.0 A
Notes
44.
Use X5R or X7R capacitors.
Table 86. SW4 Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = VINSW4 = 3.6 V, VSW4 = 1.8 V, ISW4 = 100 mA,
SW4_PWRSTG[2:0] = [101], typical external component values, fSW4 = 2.0 MHz, single/dual phase and independent mode
unless, otherwise noted. Typical values are characterized at VIN = VINSW4 = 3.6 V, VSW4 = 1.8 V, ISW4 = 100 mA,
SW4_PWRSTG[2:0] = [101], and 25 °C, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
SWITCH MODE SUPPLY SW4
Operating Input Voltage (45)
VINSW4
2.8
–
4.5
V
Nominal Output Voltage
Normal operation
VTT Mode
VSW4
–
–
Table 78
VSW3AFB/2
–
–
V
Output Voltage Accuracy
• PWM, APS, 2.8 V < VIN < 4.5 V, 0 < ISW4 < 1.0 A
0.4 V < VSW4 < 0.85 V
0.875 V < VSW4 < 1.975 V
2.0 V < VSW4 < 3.3 V
• PFM, steady state, 2.8 V < VIN < 4.5 V, 0 < ISW4 < 50 mA
0.4 V < VSW4 < 0.85 V
0.875 V < VSW4 < 1.975 V
2.0 V < VSW4 < 3.3 V
• VTT Mode , 2.8 V < VIN < 4.5 V, 0 < ISW4 < 1.0 A
VSW4ACC
-25
-3.0%
-6.0%
-65
-6.0%
-6.0%
-40
–
–
–
–
–
–
–
25
3.0%
6.0%
65
6.0%
6.0%
40
mV
%
Rated Output Load Current (46)
2.8 V < VIN < 4.5 V, 0.4 V < VSW4 < 3.3 V
ISW4
–
–
1000
mA
Current Limiter Peak Current Detection
Current through inductor
SW4ILIM = 0
SW4ILIM = 1
ISW4LIM
1.4
1.0
2.0
1.5
3.0
2.4
A
Start-up Overshoot
ISW4 = 0.0 mA
DVS clk = 25 mV/4
μs, VIN = VINSW4 = 4.5 V
VSW4OSH
––
66
mV
Turn-on Time
Enable to 90% of end value
ISW4 = 0.0 mA
DVS clk = 25 mV/4
μs, VIN = VINSW4 = 4.5 V
tONSW4
–
–
500
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com