Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 136 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
PF0100
General Description
Functional Block Diagram
6.2
Functional Block Diagram
Logic and Control
Switching Regulators
SW1A/B/C
(0.3 to 1.875V)
Configurable 4.5A or
2.5A+2.0A
Linear Regulators
SW2
(0.4 to 3.3V, 2A)
SW3A/B (2.5A)
(0.4 to 3.3V)
Configurable 2.5A or
1.25A+1.25A
SW4
(0.4 to 3.3V, 1A)
Boost Regulator
(5 to 5.15V, 600mA)
USB OTG Supply
VGEN1
(0.8 to 1.55V, 100mA)
VGEN2
(0.8 to 1.55V, 250mA)
VGEN3
(1.8 to 3.3V, 100mA)
VGEN4
(1.8 to 3.3V, 350mA)
VGEN5
(1.8 to 3.3V, 100mA)
VGEN6
(1.8 to 3.3V, 200mA)
Bias & References
Parallel MCU Interface
Regulator Control
VSNVS
(1.0 to 3.0V, 400uA)
RTC supply with coin cell
charger
MMPF0100 Functional Internal Block Diagram
I2C Communication & Registers
Power Generation
Fault Detection and Protection
DDR Voltage Reference
Current Limit
Short-Circuit
Internal Core Voltage Reference
Thermal
OTP Startup Configuration
Sequence and
timing
OTP Prototyping
(Try before buy)
Voltage
Power stage
Figure 4. Functional Block Diagram
6.3
Functional Description
6.3.1
Power Generation
The PF0100 PMIC features four buck regulators (up to six independent outputs), one boost regulator, six general purpose LDOs,
one switch/LDO combination and a DDR voltage reference to supply voltages for the application processor and peripheral
devices.
The number of independent buck regulator outputs can be configured from four to six, thereby providing flexibility to operate with
higher current capability, or to operate as independent outputs for applications requiring more voltage rails with lower current
demands. Further, SW1 and SW3 regulators can be configured as single/dual phase and/or independent converters. One of the
buck regulators, SW4, can also operate as a tracking regulator when used for memory termination. The buck regulators provide
the supply to processor cores and to other low voltage circuits such as IO and memory. Dynamic voltage scaling is provided to
allow controlled supply rail adjustments for the processor cores and/or other circuitry.
Depending on the system power path configuration, the six general purpose LDO regulators can be directly supplied from the
main input supply or from the switching regulators to power peripherals, such as audio, camera, Bluetooth, Wireless LAN, etc. A
specific VREFDDR voltage reference is included to provide accurate reference voltage for DDR memories operating with or
without VTT termination. The VSNVS block behaves as an LDO, or as a bypass switch to supply the SNVS/SRTC circuitry on
the i.MX processors; VSNVS may be powered from VIN, or from a coin cell.
6.3.2
Control Logic
The PF0100 PMIC is fully programmable via the I2C interface. Additional communication is provided by direct logic interfacing
including interrupt and reset. Start-up sequence of the device is selected upon the initial OTP configuration explained in the Start-
up section, or by configuring the “Try Before Buy” feature to test different power up sequences before choosing the final OTP
configuration.
The PF0100 PMIC has the interfaces for the power buttons and dedicated signaling interfacing with the processor. It also ensures
supply of critical internal logic and other circuits from the coin cell in case of brief interruptions from the main battery. A charger
for the coin cell is included as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com