Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 55Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 56Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 57Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 58Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 59Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 60Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 61Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 62Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 136 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
59
PF0100
Functional Block Requirements and Behaviors
Power Generation
SWITCH MODE SUPPLY SW2 (CONTINUED)
Efficiency
•VIN = 3.6 V, fSW2 = 2.0 MHz, LSW2 = 1.0 μH
PFM, 3.15 V, 1.0 mA
PFM, 3.15 V, 50 mA
APS, PWM, 3.15 V, 400 mA
APS, PWM, 3.15 V, 600 mA
APS, PWM, 3.15 V, 1000 mA
APS, PWM, 3.15 V, 2000 mA
ηSW2
–
–
–
–
–
–
94
95
96
94
92
86
–
–
–
–
–
–
%
Output Ripple
ΔVSW2
–10–
mV
Line Regulation (APS, PWM)
VSW2LIR
––
20
mV
DC Load Regulation (APS, PWM)
VSW2LOR
––
20
mV
Transient Load Regulation
• Transient load = 0.0 mA to 1.0 A, di/dt = 100 mA/
μs
Overshoot
Undershoot
VSW2LOTR
–
–
–
–
50
50
mV
Quiescent Current
PFM Mode
APS Mode (Low output voltage settings)
APS Mode (High output voltage settings)
ISW2Q
–
–
–
23
145
305
–
–
–
µA
SW2 P-MOSFET RDSON
at VIN = VINSW2 = 3.3 V
RONSW2P
–
190
209
m
Ω
SW2 N-MOSFET RDSON
at VIN = VINSW2 = 3.3 V
RONSW2N
–
212
255
m
Ω
SW2 P-MOSFET Leakage Current
VIN = VINSW2 = 4.5 V
ISW2PQ
––
12
µA
SW2 N-MOSFET Leakage Current
VIN = VINSW2 = 4.5 V
ISW2NQ
––
4.0
µA
Discharge Resistance
RSW2DIS
–
600
–
Ω
Notes
37.
When output is set to > 2.6 V the output will follow the input down when VIN gets near 2.8 V.
38.
The higher output voltages available depend on the voltage drop in the conduction path as given by the following equation:
(VINSW2 - VSW2) = ISW2* (DCR of Inductor +RONSW2P + PCB trace resistance).
Table 62. SW2 Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = VINSW2 = 3.6 V, VSW2 = 3.15 V, ISW2 = 100 mA,
SW2_PWRSTG[2:0] = [111], typical external component values, fSW2 = 2.0 MHz, unless otherwise noted. Typical values are
characterized at VIN = VINSW2 = 3.6 V, VSW2 = 3.15 V, ISW2 = 100 mA, SW2_PWRSTG[2:0] = [111], and 25 °C, unless otherwise
noted.
Parameter
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com