Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 65Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 66Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 67Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 68Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 69Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 70Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 71Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 72Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 136 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
69
PF0100
Functional Block Requirements and Behaviors
Power Generation
SW3A/B External Components
SW3A/B Specifications
Table 76. SW3A/B External Component Requirements
Mode
Components
Description
SW3A/B Single
Phase
SW3A/B Dual
Phase
SW3A Independent
SW3B Independent
CINSW3A(40)
SW3A Input capacitor
4.7
μF4.7 μF4.7 μF
CIN3AHF(40)
SW3A Decoupling input capacitor
0.1
μF0.1 μF0.1 μF
CINSW3B(40)
SW3B Input capacitor
4.7
μF4.7 μF4.7 μF
CIN3BHF(40)
SW3B Decoupling input capacitor
0.1
μF0.1 μF0.1 μF
COSW3A(40)
SW3A Output capacitor
4 x 22
μF
2 x 22
μF
2 x 22
μF
COSW3B(40)
SW3B Output capacitor
–
2 x 22
μF
2 x 22
μF
LSW3A
SW3A Inductor
1.0
μH
DCR = 50 m
Ω
ISAT = 3.9 A
1.0
μH
DCR = 60 m
Ω
ISAT = 3.0 A
1.0
μH
DCR = 60 m
Ω
ISAT = 3.0 A
LSW3B
SW3B Inductor
–
1.0
μH
DCR = 60 m
Ω
ISAT = 3.0 A
1.0
μH
DCR = 60 m
Ω
ISAT = 3.0 A
Notes
40.
Use X5R or X7R capacitors.
Table 77. SW3A/B Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], typical external component values, fSW3x = 2.0 MHz, single/dual phase and independent mode
unless, otherwise noted. Typical values are characterized at VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], and 25 °C, unless otherwise noted.
P
arameter
Symbol
Min
Typ
Max
Unit
SWITCH MODE SUPPLY SW3A/B
Operating Input Voltage(41)
VINSW3x
2.8
–
4.5
V
Nominal Output Voltage
VSW3x
-
Table 64
-V
Output Voltage Accuracy
• PWM, APS 2.8 V < VIN < 4.5 V, 0 < ISW3x < ISW3xMAX
0.4 V < VSW3x < 0.85 V
0.875 V < VSW3x < 1.975 V
2.0 V < VSW3x < 3.3 V
• PFM , steady state (2.8 V < VIN < 4.5 V, 0 < ISW3x < 50 mA)
0.4 V < VSW3x < 0.85 V
0.875 V < VSW3x < 1.975 V
2.0 V < VSW3x < 3.3 V
VSW3xACC
-25
-3.0%
-6.0%
-65
-6.0%
-6.0%
–
–
–
–
–
–
25
3.0%
6.0%
65
6.0%
6.0%
mV
%
Rated Output Load Current (42)
• 2.8 V < VIN < 4.5 V, 0.4 V < VSW3x < 3.3 V
PWM, APS mode single/dual phase
PWM, APS mode independent (per phase)
ISW3x
–
–
–
–
2500
1250
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com