Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 54Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 55Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 56Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 57Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 58Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 59Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 60Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 61Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 136 page
background image
Analog Integrated Circuit Device Data
58
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
SW2 External Components
SW2 Specifications
Table 61. SW2 External Component Recommendations
Components
Description
Values
CINSW2(36)
SW2 Input capacitor
4.7
μF
CIN2HF(36)
SW2 Decoupling input capacitor
0.1
μF
COSW2(36)
SW2 Output capacitor
2 x 22
μF
LSW2
SW2 Inductor
1.0
μH
DCR = 50 m
Ω
ISAT = 2.65 A
Notes
36.
Use X5R or X7R capacitors.
Table 62. SW2 Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = VINSW2 = 3.6 V, VSW2 = 3.15 V, ISW2 = 100 mA,
SW2_PWRSTG[2:0] = [111], typical external component values, fSW2 = 2.0 MHz, unless otherwise noted. Typical values are
characterized at VIN = VINSW2 = 3.6 V, VSW2 = 3.15 V, ISW2 = 100 mA, SW2_PWRSTG[2:0] = [111], and 25 °C, unless otherwise
noted.
Parameter
Symbol
Min
Typ
Max
Unit
SWITCH MODE SUPPLY SW2
Operating Input Voltage(37)
VINSW2
2.8
–
4.5
V
Nominal Output Voltage
VSW2
–
Table 54
–V
Output Voltage Accuracy
• PWM, APS, 2.8 V < VIN < 4.5 V, 0 < ISW2 < 2.0 A
0.4 V < VSW2 < 0.85 V
0.875 V < VSW2 < 1.975 V
2.0 V < VSW2 < 3.3 V
• PFM, 2.8 V < VIN < 4.5 V, 0 < ISW2 ≤ 50 mA
0.4 V < VSW2 < 0.85 V
0.875 V < VSW2 < 1.975 V
2.0 V < VSW2 < 3.3 V
VSW2ACC
-25
-3.0%
-6.0%
-65
-6.0%
-6.0%
–
–
–
–
–
–
25
3.0%
6.0%
65
6.0%
6.0%
mV
%
Rated Output Load Current (38)
2.8 V < VIN < 4.5 V, 0.4 V < VSW2 < 3.3 V
ISW2
–
–
2000
mA
Current Limiter Peak Current Detection
• Current through Inductor
SW2ILIM = 0
SW2ILIM = 1
ISW2LIM
2.8
2.1
4.0
3.0
5.2
3.9
A
Start-up Overshoot
ISW2 = 0.0 mA
DVS clk = 25 mV/4
μs, VIN = VINSW2 = 4.5 V
VSW2OSH
––
66
mV
Turn-on Time
Enable to 90% of end value
ISW2 = 0.0 mA
DVS clk = 50 mV/8
μs, VIN = VINSW2 = 4.5 V
tONSW2
–
–
550
µs
Switching Frequency
SW2FREQ[1:0] = 00
SW2FREQ[1:0] = 01
SW2FREQ[1:0] = 10
fSW2
–
–
–
1.0
2.0
4.0
–
–
–
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com