Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 90Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 91Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 92Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 93Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 94Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 95Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 96Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 97Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 136 page
background image
Analog Integrated Circuit Device Data
94
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
VGEN4
Table 104. VGEN4 Electrical Characteristics
All parameters are specified at TA = -40 to 85 °C, VIN = 3.6 V, VIN2 = 3.6 V, VGEN4[3:0] = 1111, IGEN4 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VIN2 = 3.6 V, VGEN4[3:0] = 1111,
IGEN4 = 10 mA, and 25 °C, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
VGEN4
Operating Input Voltage
1.8 V
≤ VGEN4NOM ≤ 2.5 V
2.6 V
≤ VGEN4NOM ≤ 3.3 V(56)
VIN2
2.8
VGEN4NOM+
0.250
–
–
3.6
3.6
V
Nominal Output Voltage
VGEN4NOM
–
Table 92
–V
Operating Load Current
IGEN4
0.0
–
350
mA
VGEN4 DC
Output Voltage Tolerance
VIN2MIN < VIN2 < 3.6 V
0.0 mA < IGEN4 < 350 mA
VGEN4[3:0] = 0000 to 1111
VGEN4TOL
-3.0
–
3.0
%
Load Regulation
(VGEN4 at IGEN4 = 350 mA) - (VGEN4 at IGEN4 = 0.0 mA )
For any VIN2MIN < VIN2 < 3.6 V
VGEN4LOR
–0.07–
mV/
mA
Line Regulation
(VGEN4 at 3.6 V) - (VGEN4 at VIN2MIN)
For any 0.0 mA < IGEN4 < 350 mA
VGEN4LIR
–0.80–
mV/
mA
Current Limit
IGEN4 when VGEN4 is forced to VGEN4NOM/2
IGEN4LIM
465.5
584.5
700
mA
Over-current Protection Threshold
IGEN4 required to cause the SCP function to disable LDO when
REGSCPEN = 1
IGEN4OCP
420
–
700
mA
Quiescent Current
No load, Change in IVIN and IVIN2
When VGEN4 enabled
IGEN4Q
–13–
μA
VGEN4 AC AND TRANSIENT
PSRR(57)
•IGEN4 = 262.5 mA, 20 Hz to 20 kHz
VGEN4[3:0] = 0000 - 1110, VIN2 = VIN2MIN + 100 mV
VGEN4[3:0] = 0000 - 1000, VIN2 = VGEN4NOM + 1.0 V
PSRRVGEN4
35
55
40
60
–
–
dB
Output Noise Density
•VIN2 = VIN2MIN, IGEN4 = 262.5 mA
100 Hz – <1.0 kHz
1.0 kHz – <10 kHz
10 kHz – 1.0 MHz
NOISEVGEN4
–
–
–
-114
-129
-135
-102
-123
-130
dBV/
√Hz
Turn-On Slew Rate
• 10% to 90% of end value
•VIN2MIN ≤ VIN2 ≤ 3.6 V, IGEN4 = 0.0 mA
VGEN4[3:0] = 0000 to 0011
VGEN4[3:0] = 0100 to 0111
VGEN4[3:0] = 1000 to 1011
VGEN4[3:0] = 1100 to 1111
SLWRVGEN4
–
–
–
–
–
–
–
–
22.0
26.5
30.5
34.5
mV
/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com