Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MMPF0100
Description  14 Channel Configurable Power Management Integrated Circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMPF0100 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MMPF0100 Datasheet HTML 28Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 29Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 30Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 31Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 32Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 33Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 34Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 35Page - Freescale Semiconductor, Inc MMPF0100 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 136 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
PF0100
Functional Block Requirements and Behaviors
Power Generation
The sense bit will show the real time status of the PWRON pin. In this configuration, the PWRON input can be a mechanical
switch debounced through a programmable debouncer, PWRONDBNC[1:0], to avoid a response to a very short (i.e.,
unintentional) key press. The interrupt is generated for both the falling and the rising edge of the PWRON pin. By default, a 30 ms
interrupt debounce is applied to both falling and rising edges. The falling edge debounce timing can be extended with
PWRONDBNC[1:0] as defined in the table below. The interrupt is cleared by software, or when cycling through the OFF mode.
7.4.2.2
Turn Off Events
PWRON Pin
The PWRON pin is used to power off the PF0100. The PWRON pin can be configured with OTP to power off the PMIC under
the following two conditions:
1. PWRON_CFG bit = 0, SWxOMODE bit = 0 and PWRON pin is low.
2. PWRON_CFG bit = 1, SWxOMODE bit = 0, PWRONRSTEN = 1 and PWRON is held low for longer than 4.0
seconds. Alternatively, the system can be configured to restart automatically by setting the RESTARTEN bit.
Thermal Protection
If the die temperature surpasses a given threshold, the thermal protection circuit will power off the PMIC to avoid damage. A turn-
on event will not power on the PMIC while it is in thermal protection. The part will remain in Off mode until the die temperature
decreases below a given threshold. There are no specific interrupts related to this other than the warning interrupt. See Power
Dissipation section for more detailed information.
Under-voltage Detection
When the voltage at VIN drops below the under-voltage falling threshold, UVDET, the state machine will transition to the Coin
Cell mode.
7.4.3
Power Tree
The PF0100 PMIC features six buck regulators, one boost regulator, six general purpose LDOs, one switch/LDO combination,
and a DDR voltage reference to supply voltages for the application processor and peripheral devices. The buck regulators as
well as the boost regulator are supplied directly from the main input supply (VIN). The inputs to all of the buck regulators must be
tied to VIN, whether they are powered on or off. The six general use LDO regulators are directly supplied from the main input
supply or from the switching regulators depending on the application requirements. Since VREFDDR is intended to provide DDR
memory reference voltage, it should be supplied by any rail supplying voltage to DDR memories; the typical application
recommends the use of SW3 as the input supply for VREFDDR. VSNVS is supplied by either the main input supply or the coin
cell. Refer to Table 27 for a summary of all power supplies provided by the PF0100.
Table 26. PWRON Hardware Debounce Bit Settings
Bits
State
Turn On
Debounce (ms)
Falling Edge INT
Debounce (ms)
Rising Edge INT
Debounce (ms)
PWRONDBNC[1:0]
00
0.0
31.25
31.25
01
31.25
31.25
31.25
10
125
125
31.25
11
750
750
31.25
Notes
30.
The sense bit, PWRONS, is not debounced and follows the state of the PWRON pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com