Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 147 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 147 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 151Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
147
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R172 (ACh)
Current Sink
Driver A
5:0
CS1_ISEL
00 0000
ISINKA current = 4.05µA × 2
CS1_ISEL/4
where CS1_ISEL is an unsigned binary
number
Minimum: 00 0000 = 4.05µA,
Maximum: 11 1111 = 220mA
(from circuit simulation)
or
CS1_ISEL = 13.3 × log (desired current /
4.05µA)
Table 97 Controlling the Sink Current for ISINKA
Note that currents above 40mA are not supported continuously; these settings are intended for flash
mode only.
16.2.3
FLASH MODE
The current sink can either sink current continuously (LED mode) or in short bursts (flash mode). The
operating mode is selected by the CS1_FLASH_MODE bit, as described in Table 98.
In LED mode, the current sink is controlled by setting CS1_DRIVE. For as long as this bit is asserted,
the LED is enabled continuously.
In Flash mode, the current sink may be set to automatically flash every 4 seconds by setting
CS1_FLASH_RATE = 1, or may be triggered normally by setting CS1_FLASH_RATE = 0.
When normal triggering is selected in Flash mode, the trigger control can be either a GPIO Flash
input (see Section 20) or a register control. Setting CS1_TRIGSRC = 1 selects GPIO as the trigger.
The flash will be edge triggered by the selected GPIO input. Setting CS1_TRIGSRC = 0 selects the
register field CS1_DRIVE as the trigger. In this case, writing a 1 to CS1_DRIVE will trigger a flash;
this bit will be reset at the end of the flash.
In all flash modes, the duration of each flash is set by CS1_FLASH_DUR. The status of each current
sink may be read from the CS1_DRIVE bit.
In all modes, the current sink must also be enabled via the applicable CS1_ENA bit (see Table 96).
Note that some photo-flash applications may require a reservoir capacitor to store sufficient charge
for the flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com