Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 148 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 148 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 152Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
148
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R173 (ADh)
CSA Flash
Control
15
CS1_FLASH_M
ODE
0
Determines the function of the current
sink
0 = LED mode
1 = Flash mode
14
CS1_TRIGSRC
0
Selects the trigger in Flash mode.
0 = Flash triggered by CS1_DRIVE bit
1 = Flash triggered from GPIO pin
configured as FLASH
This bit has no effect when
CS1_FLASH_MODE=0
13
CS1_DRIVE
0
Enables the current sink ISINKA
LED mode-
0 = disable LED
1 = enabled LED
FLASH mode-
Register bit used to trigger the flash, if
CS1_TRIGSRC is set to 0. Flash is
started when the bit goes high, it is then
reset at the end of the flash duration.
Duration is determined by
CS1_FLASH_DUR. This bit has no effect
if CS1_TRIGSRC is set to 1.
12
CS1_FLASH_R
ATE
0
Determines the Flash rate
0 = Normal Operation. Once per trigger
(Either register bit or GPIO)
1 = Flash will be internally triggered
every 4 second
9:8
CS1_FLASH_D
UR [1:0]
00
Sets duration of flash
00 = 32ms
01 = 64ms
10 = 96ms
11 = 1024ms
Table 98 Configuring Flash Mode for ISINKA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com