Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 149 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 149 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 153Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
149
16.2.4
ON/OFF RAMP TIMING
The sink current for ISINKA can be programmed to switch on and off gradually in LED and in Flash
modes. The current ramp duration is as described in Table 99.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R173 (ADh)
CSA Flash
Contro
5:4
CS1_OFF_RA
MP [1:0]
00
Switch-off ramp duration
LED Mode
Flash Mode
00 = instant (no
ramp)
01 = 0.25s
10 = 0.5s
11 = 1s
00 = instant (no
ramp)
01 = 1.95ms
10 = 3.91ms
11 = 7.8ms
1:0
CS1_ON_RAM
P [1:0]
00
Switch-on ramp duration
Similar to CS1_OFF_RAMP
Table 99 Configuring On/Off Ramp Timing for ISINKA
16.2.5
INTERRUPTS AND FAULT PROTECTION
The Current Sink has its own first-level interrupt, CS_INT (see Section 24). This contains a single
second-level interrupt, CS1_EINT, indicating that the Current Sink is unable to sink the amount of
current that has been programmed and may be out of spec. CS1_EINT can be masked by setting the
IM_CS1_EINT bit.
ADDRESS
BIT
LABEL
DESCRIPTION
R26 (1Ah)
Interrupt Status
2
13
CS1_EINT
Flag to indicate drain voltage can no
longer be regulated and output current
may be out of spec.
(Rising Edge triggered)
Note: This bit is cleared once read.
R34 (22h)
Interrupt Status
2 Mask
13
IM_CS1_EINT
Mask bit for Current Sink over-current
interrupt
When set to 1, IM_CS1_EINT masks
CS1_EINT in R26 and does not trigger a
CS_INT interrupt when CS1_EINT is set.
Table 100 Current Sink Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com