Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8351 Datasheet(PDF) 151 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 151 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 155Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
151
17 POWER SUPPLY CONTROL
17.1 GENERAL DESCRIPTION
The WM8351 can take its power supply from a Wall adaptor, a USB interface or from a single-cell
lithium battery. The WM8351 autonomously chooses the most appropriate power source available,
and supports hot-swapping between sources (ie. the system can remain in operation while different
sources are connected and disconnected).
Comparators within the WM8351 identify which power supplies are available and select the power
source in the following order of preference:
Wall adaptor (LINE pins)
USB power rail (USB pins)
Battery (BATT pins)
Note that the Wall supply is always the first choice of supply, (providing that it is within required
limits), even if the Wall supply voltage is lower than the USB voltage.
When Wall or USB is selected as the power source, this may be used to charge the Battery, using the
integrated battery charger circuit. For battery charging to occur, the USB or LINE supply voltage must
be no less than 4.0V.
Figure 74 illustrates the WM8351 connections associated with the WALL, USB and Battery supplies.
Figure 74 WM8351 Power Supply Connections
The Wall Adaptor supply connects to LINE via a FET switch as illustrated in Figure 74. The FET
switch is necessary in order to provide isolation between the Wall supply and the Battery/USB
supplies; this is vital in the event of the USB voltage being greater than the Wall supply voltage.
The Wall Adapter voltage is sensed directly on the WALL_FB pin; this allows the WM8351 to
determine the preferred supply, including when the FET is switched off.
The gate connection to the external FET is controlled by LINE_SW, which is an alternate function that
can be enabled on GPIO12 (see Section 20). Note that, if the USB connection is not used, then the
FET may not be required and the Wall supply may be connected directly to LINE.
LINE is primarily an output from the WM8351; this output is the preferred supply, where the WM8351
has arbitrated between the Wall, Battery and USB connections. This output is suitable for supplying
power to the other blocks of the WM8351, including the DC-DC Converters and LDO Regulators.
LINE is also an input under some conditions, such as battery charging from Wall or providing power
at the USB connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com