Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 4 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 4 Page - Analog Devices

  AD1843JS Datasheet HTML 1Page - Analog Devices AD1843JS Datasheet HTML 2Page - Analog Devices AD1843JS Datasheet HTML 3Page - Analog Devices AD1843JS Datasheet HTML 4Page - Analog Devices AD1843JS Datasheet HTML 5Page - Analog Devices AD1843JS Datasheet HTML 6Page - Analog Devices AD1843JS Datasheet HTML 7Page - Analog Devices AD1843JS Datasheet HTML 8Page - Analog Devices AD1843JS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
REV. 0
–4–
AD1843
DAC1 DIGITAL-TO-ANALOG CONVERTERS
Min
Typ
Max
Units
Audio Dynamic Range (–60 dB Input, THD+N Referenced to Full Scale,
A-Weighted, DA1FLT = 0)
77
80
dB
Audio THD+N (Referenced to Full Scale, DA1FLT = 0)
0.03
%
–74
–70
dB
Audio Signal-to-Intermodulation Distortion* (CCIF Method)
–92
–80
dB
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
DAC Crosstalk* (Input L, Zero R, Measure LOUT1R; Input R, Zero L,
Measure LOUT1L)
–77
dB
Total Out-of-Band Energy*
(Measured from 0.6
× F
S to 100 kHz in Audio Mode)
–60
dB
Audible Out-of-Band Energy*
(Measured from 0.6
× F
S to 22 kHz in Audio Mode,
Tested at FS = 8.0 kHz)
–72
dB
DAC2 DIGITAL-TO-ANALOG CONVERTERS
Min
Typ
Max
Units
Audio Dynamic Range (–60 dB Input, THD+N Referenced to Full Scale,
A-Weighted, DA2FLT = 0)
78
80
dB
Modem Dynamic Range (–60 dB Input, THD+N Referenced to Full Scale,
300 Hz to 4 kHz Analog Output Passband, DA2FLT = 1, RDA2G5:0
& LDA2G5:0 = 000101 [4.5 dB], FS = 12.8 kHz)
87
90
dB
Audio THD+N (Referenced to Full Scale, DA2FLT = 0)
0.03
%
–77
–70
dB
Modem THD+N (–3.0 dB Referenced to Full Scale,
300 Hz to 4 kHz Analog Output Passband, DA2FLT = 1, RDA2G5:0
& LDA2G5:0 = 000101 [4.5 dB], FS = 12.8 kHz)
0.016
%
–81
–76
dB
Audio Signal-to-Intermodulation Distortion* (CCIF Method)
–86
–80
dB
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
DAC Crosstalk* (Input L, Zero R, Measure LOUT2R; Input R, Zero L,
Measure LOUT2L)
–80
dB
Total Out-of-Band Energy*
(Measured from 0.6
× F
S to 100 kHz in Audio Mode)
–60
dB
Audible Out-of-Band Energy*
(Measured from 0.6
× F
S to 22 kHz in Audio Mode,
Tested at FS = 8.0 kHz)
–72
dB
DC Offset
525
mV
DAC1 AND DAC2 ANALOG AMPLIFIERS/ATTENUATORS
Min
Typ
Max
Units
Step Size (+12.0 dB to –30.0 dB) (All Steps Tested)
1.25
1.5
1.75
dB
Step Size (–31.5 dB to –34.5 dB) (All Steps Tested)
1.1
1.5
1.9
dB
Step Size (–36.0 dB to –82.5 dB)*
1.3
1.5
1.7
dB
Output Attenuation Span*
81.5
82.5
83.5
dB
Mute Attenuation*
–80
dB
DIGITAL MIX ATTENUATORS
Min
Typ
Max
Units
Step Size (0 dB to –94.5 dB)* (All Steps Tested)
1.3
1.5
1.7
dB
Output Attenuation Span*
93.5
94.5
95.5
dB
Mute Attenuation*
–90
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com