Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 7 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 3Page - Analog Devices AD1843JS Datasheet HTML 4Page - Analog Devices AD1843JS Datasheet HTML 5Page - Analog Devices AD1843JS Datasheet HTML 6Page - Analog Devices AD1843JS Datasheet HTML 7Page - Analog Devices AD1843JS Datasheet HTML 8Page - Analog Devices AD1843JS Datasheet HTML 9Page - Analog Devices AD1843JS Datasheet HTML 10Page - Analog Devices AD1843JS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
AD1843
REV. 0
–7–
PIN CONFIGURATIONS
80-Lead PQFP
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
80
61
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
AD1843
TOP VIEW
(Not to Scale)
GNDD
XCTL1
XCTL0
SYNC3
SYNC2
SYNC1
GNDD
VDD
RESET
PWRDWN
VDD
PDMNFT
GNDA
HPOUTL
HPOUTC
HPOUTR
VCC
SUML
SUMR
VCC
VDD
VCC
SDO
SDFS
GNDD
TSI
TSO
GNDD
VDD
CS
BM
AUX3R
AUX3L
AUX2R
AUX2L
AUX1R
AUX1L
MICR
MICL
MIN
PIN DESCRIPTION
Serial Interface
Pin Name
PQFP
TQFP
I/O
Description
SCLK
79
99
I/O
Serial Clock. SCLK is a bidirectional signal that supplies the clock as an output
to the serial bus when the Bus Master (BM) pin is driven HI and accepts the clock
as an input when the BM pin is driven LO. When the AD1843 is configured in
master mode, the SCLK frequency may be set to either 12.288 MHz or 16.384 MHz
with the SCF bit in Control Register Address 26.
SDFS
2
2
I/O
Serial Data Frame Sync. SDFS is a bidirectional signal that supplies the frame
synchronization signal as an output to the serial bus when the Bus Master (BM)
pin is driven HI and accepts the frame synchronization signal as an input when
the BM pin is driven LO.
SDI
80
100
I
Serial Data Input. SDI is used by peripheral devices such as the host CPU or a
DSP to supply control and playback data information to the AD1843. All control
and playback transfers are 16 bits long, MSB first.
SDO
1
1
O
Serial Data Output. SDO is used to supply status/control register readback and
capture data information to peripheral devices such as the host CPU or a DSP.
All status/control register readback and capture data transfers are 16 bits long,
MSB first. A three-state output driver is used on this pin.
BM
10
12
I
Bus Master. When BM is tied HI the AD1843 is the serial bus master. The
AD1843 will then supply the serial clock (SCLK) and the frame sync (SDFS)
signals for the serial bus. No more than one device (AD1843/CPU/DSP) should
be configured as the serial bus master. When BM is tied LO, the AD1843 is con-
figured as a bus slave, and will accept the SCLK and SDFS signals as inputs. The
logic level on this pin must not be changed once RESET is deasserted (driven HI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com