Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 30 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 30 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 26Page - Analog Devices AD1843JS Datasheet HTML 27Page - Analog Devices AD1843JS Datasheet HTML 28Page - Analog Devices AD1843JS Datasheet HTML 29Page - Analog Devices AD1843JS Datasheet HTML 30Page - Analog Devices AD1843JS Datasheet HTML 31Page - Analog Devices AD1843JS Datasheet HTML 32Page - Analog Devices AD1843JS Datasheet HTML 33Page - Analog Devices AD1843JS Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
REV. 0
–30–
AD1843
Address 3
Mix Control—DAC2 to Mixer
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
LD2MM
res
res
LD2M4
LD2M3
LD2M2
LD2M1
LD2M0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
RD2MM
res
res
RD2M4
RD2M3
RD2M2
RD2M1
RD2M0
LD2MM
Left DAC2 Mix Mute
0 = Mix Enabled
1 = Mix Muted
LD2M4:0
Left DAC2 Mix Gain/Attenuation Select. Least significant bit represents –1.5 dB. Referred to 2.0 V p-p DAC2
output level.
00000 = +12.0 dB Gain
01000 = 0.0 dB
11111 = –34.5 dB Attenuation
RD2MM
Right DAC2 Mix Mute
0 = Mix Enabled
1 = Mix Muted
RD2M4:0
Right DAC2 Mix Gain/Attenuation Select. Least significant bit represents –1.5 dB. Referred to 2.0 V p-p DAC2
output level.
00000 = +12.0 dB Gain
01000 = 0.0 dB
11111 = –34.5 dB Attenuation
res
Reserved for future expansion. To ensure future compatibility, write “0” to all reserved bits.
Initial default state after reset: 1000 1000 1000 1000 (8888 hex). Cleared to default and cannot be written to when:
the RESET pin is asserted LO; when the PWRDWN pin is asserted LO; when the PDNO bit in Control Register
Address 0 is set to “1” (all conversions disabled); or when the DDMEN bit (DAC2 to DAC1 analog mix disabled),
the DA2EN bit (DAC2 powered down), or the ANAEN bit (analog channels powered down) in Control Register Ad-
dress 27 is reset to “0.”
Address 4
Mix Control—Auxiliary 1 to DAC1
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
LX1MM
res
res
LX1M4
LX1M3
LX1M2
LX1M1
LX1M0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
RX1MM
res
res
RX1M4
RX1M3
RX1M2
RX1M1
RX1M0
LX1MM
Left Auxiliary 1 Mix Mute
0 = Mix Enabled
1 = Mix Muted
LX1M4:0
Left Auxiliary 1 Mix Gain/Attenuation Select. Least significant bit represents –1.5 dB. Referred to 2.0 V p-p DAC1
output level.
00000 = +12.0 dB Gain
01000 = 0.0 dB
11111 = –34.5 dB Attenuation
RX1MM
Right Auxiliary 1 Mix Mute
0 = Mix Enabled
1 = Mix Muted
RX1M4:0
Right Auxiliary 1 Mix Gain/Attenuation Select. Least significant bit represents –1.5 dB. Referred to 2.0 V p-p DAC1
output level.
00000 = +12.0 dB Gain
01000 = 0.0 dB
11111 = –34.5 dB Attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com