Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 15 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 11Page - Analog Devices AD1843JS Datasheet HTML 12Page - Analog Devices AD1843JS Datasheet HTML 13Page - Analog Devices AD1843JS Datasheet HTML 14Page - Analog Devices AD1843JS Datasheet HTML 15Page - Analog Devices AD1843JS Datasheet HTML 16Page - Analog Devices AD1843JS Datasheet HTML 17Page - Analog Devices AD1843JS Datasheet HTML 18Page - Analog Devices AD1843JS Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
AD1843
REV. 0
–15–
lock loops, which can be arbitrarily assigned to the conversion
resources. The lock range of these digital PLLs is 4 kHz to
54 kHz, which is the same range supported by the register-
controlled clock generators.
If a SYNC input stops after its associated phase lock loop has
had a chance to initially lock, the AD1843 will continue to gen-
erate a sample clock (as well as BIT clock and CONV clock)
very similar to the initial frequency, but off by at most
±1%.
The three SYNC inputs feed three on-chip Digital Phase Lock
Loops (DPLLs) which utilize a first-order loop filter with a
20 Hz corner frequency. Jitter frequencies above 20 Hz are
attenuated, and jitter frequencies below 20 Hz are interpreted as
time base drift, and are tracked. The DPLL provides 12 dB per
octave of jitter rejection. The DPLLs have been designed to tol-
erate at least 2% Unit Interval (UI) of SYNC clock jitter. The
DPLLs are critically damped at all input frequencies.
Power Management
The AD1843 SoundComm codec has extensive power manage-
ment capabilities. Hardware power down is performed using the
PWRDWN
pin. Software power management is programmed us-
ing Control Register Address 27 and 28. Several elements of the
AD1843 can be powered down on a selective basis. These blocks
include: the DAC2 to DAC1 analog mixer; the entire DAC1 con-
version channel; the entire DAC2 conversion channel; the analog
half of the ADC, DAC1 and DAC2; the headphone driver; the en-
tire analog mixer; the right ADC channel; the left ADC channel; all
four conversion channels; clock generator 1; clock generator 2;
clock generator 3; conversion clock outputs 1 through 3; bit clock
outputs 1 through 3; and the nominal 24.576 MHz clock output.
Refer to the descriptions of Control Register Address 27 and 28 for
further information.
For proper operation, the AD1843 must be calibrated following
power-up. This initial calibration occurs automatically without any
user intervention or programming. Subsequent to this initial
power-up autocalibration, there is no requirement to recalibrate the
SoundComm codec following software power-down sequences.
The entire AD1843 or selected portions of the device may be
powered down, allowed to idle indefinitely, then powered up
and used immediately, without the need for repeated auto-
calibration. The digital information obtained during the initial
power-up calibration is retained and valid unless the RESET or
PWRDWN
pin is asserted, forcing a hardware reset. (If desired,
the user can specify that a calibration cycle occur when leaving
the software power-down state by setting ACEN (Control Reg-
ister Address 28, Bit 14) to ”1.”) A hardware reset or power-
down clears the calibration information, and therefore a fresh
autocalibration cycle is performed by the AD1843 following this
event. Autocalibration takes approximately 4 ms to complete.
The following table provides an indication of the power savings
associated with powering-down the various resources in the
AD1843. Note that the power savings is somewhat order-
Table I. AD1843 Power-Down Savings
+5 V Digital, +5 V Analog Supplies
Total Active Operation Current: 200 mA
Average, Typical
Average, Typical
Absolute IDD +
Normalized
Software Power Down
Control Register Bit(s)
ICC Current
Power Savings
CLKOUT Output
ENCLKO Bit = 0
8 mA
4%
All Bit Clocks and
ENBT3, ENBT2, ENBT1 Bits = 0
All Conversion Clocks
ENCV3, ENCV2, ENCV1 Bits = 0
2 mA
1%
Clock Generator 1
C1EN Bit = 0
6 mA
3%
Clock Generator 2
C2EN Bit = 0
6 mA
3%
Clock Generator 3
C3EN Bit = 0
6 mA
3%
All Clock Generators
C1EN, C2EN, C3EN Bits = 0
20 mA
10%
Headphone Driver
HPEN Bit = 0
8 mA
4%
DAC2 to DAC1 Mix
DDMEN Bit = 0
2 mA
1%
Analog Input to Analog Output Mix
AAMEN Bit = 0
8 mA
4%
ADC Left Channel
ADLEN Bit = 0
8 mA
4%
ADC Right Channel
ADREN Bit = 0
8 mA
4%
ADC Left and Right Channels
ADLEN, ADREN Bits = 0
38 mA
17%
DAC2 (Left and Right Channels)
DA2EN Bit = 0
30 mA
15%
DAC1 (Left and Right Channels)
DA1EN Bit = 0
24 mA
12%
DAC2 AND DAC1 (Left and Right Chs)
DA2EN, DA1EN Bits = 0
60 mA
30%
ADC and DAC2 and DAC1
ADLEN, ADREN,
DA2EN, DA1EN Bits = 0
108 mA
54%
Analog Channel
ANAEN Bit = 0
54 mA
27%
All Control Register 27
HPEN, DDMEN, AAMEN, ADLEN,
ADREN, DA2EN, DA1EN, ANAEN Bits = 0
134 mA
67%
Converter
PDNI Bit = 1
140 mA
70%
All of the Above (Register 27 and
ENCLKO, ENBT3, ENBT2, ENBT1, ENCV3,
Clocks and PDNI)
ENCV2, ENCV1, C1EN, C2EN, C3EN, HPEN,
DDMEN, AAMEN, ADLEN, ADREN, DA2EN,
DA1EN, ANAEN Bits = 0, PDNI Bit = 1
176 mA
88%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com