Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 47 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 47 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 43Page - Analog Devices AD1843JS Datasheet HTML 44Page - Analog Devices AD1843JS Datasheet HTML 45Page - Analog Devices AD1843JS Datasheet HTML 46Page - Analog Devices AD1843JS Datasheet HTML 47Page - Analog Devices AD1843JS Datasheet HTML 48Page - Analog Devices AD1843JS Datasheet HTML 49Page - Analog Devices AD1843JS Datasheet HTML 50Page - Analog Devices AD1843JS Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
AD1843
REV. 0
–47–
DA2SM
DAC2 Stereo/Mono Mode Select. When in stereo mode, data transmitted to the AD1843 during slot 4 is
used by DAC2 left and data transmitted to the AD1843 during slot 5 is used by DAC2 right. When in
mono mode, data transmitted to the AD1843 during slot 4 is used by both DAC2 left and right, and data
transmitted to the AD1843 during slot 5 is ignored. (Note: slot 0 is assumed to be the first slot.)
0 = Stereo Mode
1 = Mono Mode
DA1SM
DAC1 Stereo/Mono Mode Select. When in stereo mode, data transmitted to the AD1843 during slot 2 is
used by DAC1 left and data transmitted to the AD1843 during slot 3 is used by DAC1 right. When in
mono mode, data transmitted to the AD1843 during slot 2 is used by both DAC1 left and right, and data
transmitted to the AD1843 during slot 3 is ignored. (Note: slot 0 is assumed to be the first slot.)
0 = Stereo Mode
1 = Mono Mode
DA2F1:0
DAC2 (Left and Right Channels) Data Format Select.
00 = 8-bit Unsigned Linear PCM
01 = 16-bit Signed Linear PCM
10 = 8-bit
µ-Law Companded
11 = 8-bit A-Law Companded
DA1F1:0
DAC1 (Left and Right Channels) Data Format Select.
00 = 8-bit Unsigned Linear PCM
01 = 16-bit Signed Linear PCM
10 = 8-bit
µ-Law Companded
11 = 8-bit A-Law Companded
SCF
SCLK Frequency Select. Changes to this bit do not take effect until shortly after the sixth slot (the final slot
owned) is completed. Relevant when the AD1843 is in Master Mode only.
0 = 12.288 MHz
1 = 16.384 MHz
FRS
Frame Size Select. Selects the number of slots per frame. Changes to this bit do not take effect until the
time specified by the FRST bit.
0 = 32 Slots per Frame
1 = 16 Slots per Frame
FRST
Frame Size Change Timing. Selects the point in time when FRS takes effect.
0 = Frame Size Changes Once the Current Frame is Complete
1 = Frame Size Changes Immediately, Beginning with the Current Frame
ADTLK
ADC Transmit Lock Mode Select. When this bit is set to “1,” ADC transmit lock mode is entered. In this
mode, left and right ADC samples are transmitted during a frame only if both left and right samples are
ready to be transmitted. When not in ADC transmit lock mode, left and right samples are transmitted as
they individually become available. Note that even if left and right ADCs are programmed to the same
sample rate, unless the AD1843 is in transmit lock mode, ADC samples will not necessarily be transmitted
paired together in a TDM frame. This bit should be set to “1” only if both ADCs are powered down and
only if both ADCs will be programmed to the sample rate once they are enabled. This bit may be reset to
“0” at any time. While in ADC transmit lock mode, both ADCs must be enabled and disabled simulta-
neously (write to Control Register Address 27 must set ADLEN and ADREN both to “0” or to “1”).
0 = ADC Transmit Lock Mode Disabled
1 = ADC Transmit Lock Mode Enabled
ADRF1:0
ADC Right Channel Data Format Select.
00 = 8-bit Unsigned Linear PCM
01 = 16-bit Signed Linear PCM
10 = 8-bit
µ-Law Companded
11 = 8-bit A-Law Companded
ADLF1:0
ADC Left Channel Data Format Select.
00 = 8-bit Unsigned Linear PCM
01 = 16-bit Signed Linear PCM
10 = 8-bit
µ-Law Companded
11 = 8-bit A-Law Companded
res
Reserved for future expansion. To ensure future compatibility, write “0” to all reserved bits.
Initial default state after reset: 0000 0000 0000 0000 (0000 hex). Cleared to default and cannot be written
to when: the RESET pin is asserted LO; or when the PWRDWN pin is asserted LO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com