Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 62 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 62 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 56Page - Analog Devices AD1843JS Datasheet HTML 57Page - Analog Devices AD1843JS Datasheet HTML 58Page - Analog Devices AD1843JS Datasheet HTML 59Page - Analog Devices AD1843JS Datasheet HTML 60Page - Analog Devices AD1843JS Datasheet HTML 61Page - Analog Devices AD1843JS Datasheet HTML 62Page - Analog Devices AD1843JS Datasheet HTML 63Page - Analog Devices AD1843JS Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
REV. 0
–62–
AD1843
TABLE OF CONTENTS
FEATURES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
GENERAL PRODUCT DESCRIPTION . . . . . . . . . . . . .
1
SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2
ORDERING INFORMATION . . . . . . . . . . . . . . . . . . . .
6
PIN DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7
PIN CONFIGURATIONS . . . . . . . . . . . . . . . . . . . . . . .
7, 8
DETAILED FUNCTIONAL BLOCK DIAGRAM . . . . .
12
DETAILED PRODUCT DESCRIPTION . . . . . . . . . . . .
13
FUNCTIONAL DESCRIPTION . . . . . . . . . . . . . . . . . . .
13
SERIAL INTERFACE . . . . . . . . . . . . . . . . . . . . . . . . . . .
19
SERIAL INTERFACE INPUT . . . . . . . . . . . . . . . . . . . .
22
SERIAL INTERFACE OUTPUT . . . . . . . . . . . . . . . . . .
24
CONTROL REGISTERS . . . . . . . . . . . . . . . . . . . . . . . . .
25
BIT AND REGISTER MAPS . . . . . . . . . . . . . . . . . . . . . .
51
START-UP SEQUENCE . . . . . . . . . . . . . . . . . . . . . . . . .
52
APPLICATIONS CIRCUITS . . . . . . . . . . . . . . . . . . . . .
55
FREQUENCY RESPONSE PLOTS . . . . . . . . . . . . . . . .
59
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm)
ST-100
100-Terminal Plastic Thin Quad Flatpack (TQFP)
SEATING
PLANE
0.026 (0.65)
0.014 (0.35)
0.061 (1.55)
0.049 (1.25)
12
°
TYP
0.007 (0.177)
0.003 (0.077)
6
° ± 4°
0
° – 10°
0.004
(0.102)
MAX LEAD
COPLANARITY
TOP VIEW
(PINS DOWN)
1
25
26
51
50
75
100
76
0.012 (0.20)
0.004 (0.10)
0.640 (16.25)
0.620 (15.75)
SQ
0.555 (14.10)
0.547 (13.90)
SQ
0.020 (0.50)
BSC
S-80
80-Terminal Plastic Quad Flatpack (PQFP)
SEATING
PLANE
0.096 (2.45)
MAX
0.037 (0.95)
0.026 (0.65)
0.004 (0.10)
MAX
0.083 (2.10)
0.075 (1.90)
0.010 (0.25)
MIN
0.015 (0.38)
0.009 (0.22)
0.690 (17.45)
0.667 (16.95)
0.555 (14.10)
0.547 (13.90)
1
20
21
41
40
60
61
80
0.486 (12.35) TYP
TOP VIEW
(PINS DOWN)
0.029 (0.73)
0.023 (0.57)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com