Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1843JS Datasheet(PDF) 28 Page - Analog Devices

Part # AD1843JS
Description  Serial-Port 16-Bit SoundComm Codec
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1843JS Datasheet(HTML) 28 Page - Analog Devices

Back Button AD1843JS Datasheet HTML 24Page - Analog Devices AD1843JS Datasheet HTML 25Page - Analog Devices AD1843JS Datasheet HTML 26Page - Analog Devices AD1843JS Datasheet HTML 27Page - Analog Devices AD1843JS Datasheet HTML 28Page - Analog Devices AD1843JS Datasheet HTML 29Page - Analog Devices AD1843JS Datasheet HTML 30Page - Analog Devices AD1843JS Datasheet HTML 31Page - Analog Devices AD1843JS Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
REV. 0
–28–
AD1843
Address 0
Codec Status and Revision Identification
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
INIT
PDNO
res
res
res
res
res
res
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
res
res
res
res
ID3
ID2
ID1
ID0
This register is read only.
INIT
Clock Initialization Flag. This bit is set to “1” if the AD1843’s internal clocks generated from the crystal input pin
XTALI have not yet stabilized. When set to “1,” Control Registers may be read if the AD1843 is configured as a Bus
Slave (see the definition for the BM pin), but Control Register writes will be blocked. This bit is set to a “1” after the
RESET
pin is asserted, or when the power-down sequence (initiated by asserting the PWRDWN pin) has completed.
The bit is reset to “0” usually within 400 to 800
µsec after the RESET or the PWRDWN pin is deasserted, depending
upon parasitic capacitance on the XTALI and XTALO pins outside the AD1843. Because these parasitics are a func-
tion of the board design and layout, the exact amount of time required for the crystal to start to oscillate, and the in-
ternal clocks to stabilize cannot be known exactly in advance.
PDNO
Converter Power-Down Flag. This bit is set to “1” if the AD1843 conversion resources are powered down, or are in
the process of entering or exiting power down. Conversion resources are all resources in the AD1843 with the excep-
tion of the three clock generators and the serial interface. Conversion power-down is entered if either the power-down
pin (PWRDWN) is driven LO, or if the PDNI (Converter Power Down) bit in Control Register Address 28 is as-
serted. Power down is exited only if both pin (PWRDWN) and bit (PDNI) are deasserted. When this bit is set to
“1,” Control Registers may still be read, but only Control Registers 16–24, 26 and 28 which do not manage conver-
sion resources may be written. See the “Power Management” section for further details. This bit is set to “1” imme-
diately after a reset since the PDNI bit is initially asserted after a reset.
ID3:0
Revision Identification. These bits define the revision level of the AD1843. The first version of the AD1843 is
“0001.”
res
Reserved for future expansion. To ensure future compatibility, write “0” to all reserved bits.
Initial default state after reset: 1100 0000 0000 0001 (C001 hex). Cleared to default and cannot be written to when:
the RESET pin is asserted LO; or when the PWRDWN pin is asserted LO.
Address 1
Channel Status Flags
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
res
res
res
res
res
res
SU2
SU1
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
res
res
res
res
OVR1
OVR0
OVL1
OVL0
This register is cleared to all “0” after any read or write access.
SU2
DAC2 Sample Underrun. When set to “1,” this bit indicates that the four word stereo input buffer for DAC pair 2
ran out of samples. If this occurs, zeros are used in place of the unavailable data. This bit is “sticky” and is cleared
after any write to this register. It is also cleared by powering down DAC2 (see the DA2EN bit in Control Register
Address 27).
SU1
DAC1 Sample Underrun. When set to “1,” this bit indicates that the four word stereo input buffer for DAC pair 1
ran out of samples. If this occurs, zeros are used in place of the unavailable data. This bit is “sticky” and is cleared
after any write to this register. It is also cleared by powering down DAC1 (see the DA1EN bit in Control Register
Address 27).
OVR1:0
ADC Right Overrange Detect. These bits record the largest output magnitude on the ADC right channel and are
cleared to “00” after any write to this register. The peak amplitude as recorded by these bits is “sticky,” i.e., the larg-
est output magnitude recorded by these bits will persist until these bits are explicitly cleared. They are also cleared by
powering down the ADC right channel (see the ADREN bit in Control Register Address 27).
00 = Greater than –1.0 dB underrange
01 = Between –1.0 dB and 0 dB underrange
10 = Between 0 dB and 1 dB overrange
11 = Greater than 1.0 dB overrange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com